Electronic Components Datasheet Search
  English  ▼

X  

SVT033R5NAT Datasheet(PDF) 3 Page - Silan Microelectronics Joint-stock

Part # SVT033R5NAT
Description  180A, 30V N-CHANNEL MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SVT033R5NAT Datasheet(HTML) 3 Page - Silan Microelectronics Joint-stock

  SVT033R5NAT Datasheet HTML 1Page - Silan Microelectronics Joint-stock SVT033R5NAT Datasheet HTML 2Page - Silan Microelectronics Joint-stock SVT033R5NAT Datasheet HTML 3Page - Silan Microelectronics Joint-stock SVT033R5NAT Datasheet HTML 4Page - Silan Microelectronics Joint-stock SVT033R5NAT Datasheet HTML 5Page - Silan Microelectronics Joint-stock SVT033R5NAT Datasheet HTML 6Page - Silan Microelectronics Joint-stock SVT033R5NAT Datasheet HTML 7Page - Silan Microelectronics Joint-stock SVT033R5NAT Datasheet HTML 8Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Silan
Microelectronics
SVT033R5NAT_Datasheet
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Rev.:1.1
http: //www.silan.com.cn
Page 3 of 8
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS
Characteristics
Symbol
Test conditions
Min.
Typ.
Max.
Unit
Continuous Source Current
IS
Integral Reverse P-N Junction
Diode in the MOSFET
--
--
180
A
Pulsed Source Current
ISM
--
--
720
Diode Forward Voltage
VSD
IS=150A,VGS=0V
--
--
1.4
V
Reverse Recovery Time
Trr
IS=25A,VGS=0V,
dIF/dt=100A/µs
(Notes 2)
--
52
--
ns
Reverse Recovery Charge
Qrr
--
0.04
--
µC
Notes:
1.L=0.5mH, VDD=24V, RG=25,starting TJ=25C;
2.
Pulse Test: Pulse width ≤300μs,Duty cycle≤2%;
3.Essentially independent of operating temperature.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com