Electronic Components Datasheet Search
  English  ▼

X  

SVT033R5NAT Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # SVT033R5NAT
Description  180A, 30V N-CHANNEL MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SVT033R5NAT Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  SVT033R5NAT Datasheet HTML 1Page - Silan Microelectronics Joint-stock SVT033R5NAT Datasheet HTML 2Page - Silan Microelectronics Joint-stock SVT033R5NAT Datasheet HTML 3Page - Silan Microelectronics Joint-stock SVT033R5NAT Datasheet HTML 4Page - Silan Microelectronics Joint-stock SVT033R5NAT Datasheet HTML 5Page - Silan Microelectronics Joint-stock SVT033R5NAT Datasheet HTML 6Page - Silan Microelectronics Joint-stock SVT033R5NAT Datasheet HTML 7Page - Silan Microelectronics Joint-stock SVT033R5NAT Datasheet HTML 8Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Silan
Microelectronics
SVT033R5NAT_Datasheet
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Rev.:1.1
http: //www.silan.com.cn
Page 2 of 8
ABSOLUTE MAXIMUM RATINGS (UNLESS OTHERWISE NOTED,TA=25
C)
Characteristics
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
±20
V
Drain Current
TC=25°C
ID
180
A
TC=100°C
114
Drain Current Pulsed
IDM
720
A
Power Dissipation (TC=25C)
-Derate above 25
C
PD
171.2
W
1.14
W/
C
Single Pulsed Avalanche Energy (Note 1)
EAS
404
mJ
Operation Junction Temperature Range
TJ
-55~+150
C
Storage Temperature Range
Tstg
-55~+150
C
THERMAL CHARACTERISTICS
Characteristics
Symbol
Ratings
Unit
Thermal Resistance, Junction-to-Case
RθJC
0.73
C/W
Thermal Resistance, Junction-to-Ambient
RθJA
62.5
C/W
ELECTRICAL CHARACTERISTICS (UNLESS OTHERWISE NOTED,TJ=25
C)
Characteristics
Symbol
Test conditions
Min.
Typ.
Max.
Unit
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=250µA
30
--
--
V
Drain-Source Leakage Current
IDSS
VDS=30V, VGS=0V
--
--
1.0
µA
Gate-Source Leakage Current
IGSS
VGS=±20V, VDS=0V
--
--
±100
nA
Gate Threshold Voltage
VGS(th)
VGS= VDS, ID=250µA
1
--
3
V
Static Drain- Source
On State Resistance
RDS(on)
VGS=10V, ID=50A
--
2.8
3.5
m
VGS=4.5V, ID=40A
--
5
6.5
m
Gate Resistance
RG
f=1MHz
--
2.8
--
Input Capacitance
Ciss
f=1MHz,VGS=0V,VDS=15V
--
5412
--
pF
Output Capacitance
Coss
--
1011
--
Reverse Transfer Capacitance
Crss
--
642
--
Turn-on Delay Time
td(on)
VDD=20V, VGS=10V,
RG= 6Ω, ID=50A
(Notes 2,3)
--
12
--
ns
Turn-on Rise Time
tr
--
77
--
Turn-off Delay Time
td(off)
--
309
--
Turn-off Fall Time
tf
--
194
--
Total Gate Charge
Qg
VDD=24V, VGS=10V, ID=50A
(Notes 2,3)
--
114
--
nC
Gate-Source Charge
Qgs
--
15
--
Gate-Drain Charge
Qgd
--
25
--



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com