Electronic Components Datasheet Search
  English  ▼

X  

TDA3866 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA3866
Description  Quasi-split sound processor for all standards
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3866 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA3866 Datasheet HTML 3Page - NXP Semiconductors TDA3866 Datasheet HTML 4Page - NXP Semiconductors TDA3866 Datasheet HTML 5Page - NXP Semiconductors TDA3866 Datasheet HTML 6Page - NXP Semiconductors TDA3866 Datasheet HTML 7Page - NXP Semiconductors TDA3866 Datasheet HTML 8Page - NXP Semiconductors TDA3866 Datasheet HTML 9Page - NXP Semiconductors TDA3866 Datasheet HTML 10Page - NXP Semiconductors TDA3866 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
January 1992
7
Philips Semiconductors
Preliminary specification
Quasi-split sound processor for all standards
TDA3866
CHARACTERISTICS
VP = 5 V and Tamb = 25 °C, measurements taken in Fig.3 with fVC = 38.9 MHz, fSC1 = 33.4 MHz and fSC2 = 33.158 MHz.
Vision carrier (VC) modulated with different video signals, modulation depth 100 % (proportional to 10 % residual
carrier).
Vision carrier amplitude (RMS value) ViVC = 10 mV; vision to sound carrier ratios are VC/SC1 = 13 dB and
VC/SC2 = 20 dB. Sound carriers (SC1, SC2) modulated with f = 1 kHz and deviation
∆f = 50 kHz unless otherwise
specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP
supply voltage range (pin 21)
4.5
5
8.8
V
IP
supply current (pin 21)
48
60
72
mA
IF source control (pin 5)
V5
input voltage in order to obtain standards
B/G (FM) with automatic muting
pin 5 connected
2.8
−
VP
V
pin 5 open-circuit
−
2.8
−
V
B/G (FM) without muting
pin 5 connected
1.3
−
2.3
V
22 k
Ω to GND
(alternative measure)
−
1.8
−
V
L (AM sound)
pin 5 connected
0
−
0.8
V
I5
input current
V5 = VP
−−
100
µA
V5 = 0
−−
−300
µA
IF input not activated (pins 1-2 or 23-24)
RI
input resistance
−−
100
Ω
VDC
DC input voltage (pins 1, 2, 23 and 24)
internally set LOW
−−
0.1
V
α
1,2-23,24
crosstalk attenuation of IF input switch
note 1
50
56
−
dB
IF amplifier (pins 1-2 or 23-24)
RI
input resistance
1.75
2.2
2.65
k
Ω
CI
input capacitance
1.0
1.5
2.2
pF
VI
DC potential, voltage (pins 1, 2, 23, 24)
−
1.75
−
V
Vi IF
maximum input signal (RMS value)
Vo = +1 dB
70
100
−
mV
input signal sensitivity B/G standard
(RMS value, pins 23-24)
−3 dB intercarrier signal
reduction on pin 17
−
70
100
µV
input signal sensitivity L standard
(RMS value, pins 1-2)
−3 dB intercarrier signal
reduction on pin 9
−
70
100
µV
∆G
v
IF gain control range
60
63
−
dB
B
IF bandwidth
−3dB
50
70
−
MHz
V3
voltage range for gain control (pin 3)
Gmin − Gmax
1.7
−
2.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com