Electronic Components Datasheet Search
  English  ▼

X  

TDA3866 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA3866
Description  Quasi-split sound processor for all standards
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3866 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA3866 Datasheet HTML 1Page - NXP Semiconductors TDA3866 Datasheet HTML 2Page - NXP Semiconductors TDA3866 Datasheet HTML 3Page - NXP Semiconductors TDA3866 Datasheet HTML 4Page - NXP Semiconductors TDA3866 Datasheet HTML 5Page - NXP Semiconductors TDA3866 Datasheet HTML 6Page - NXP Semiconductors TDA3866 Datasheet HTML 7Page - NXP Semiconductors TDA3866 Datasheet HTML 8Page - NXP Semiconductors TDA3866 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
January 1992
2
Philips Semiconductors
Preliminary specification
Quasi-split sound processor for all standards
TDA3866
FEATURES
• Quasi-split sound processor for all standards e. g. B/G
(FM sound) and L (AM sound)
• AF2 signal automatically muted (at B/G) by the input
signal level
• AM signal processing for L standard and switching over
the audio signal
• Stereo-matrix correction
• Layout-compatible with TDA3858 (32 pins) and
TDA3857 (20 pins)
• AM output level typically 500 mV at m = 0.54 (+2.5 dB in
comparison to TDA3856)
GENERAL DESCRIPTION
Separate symmetrical IF inputs for FM or AM sound.
Gain controlled wideband IF amplifier, input select switch.
AGC generation due to peak sync for FM or mean signal
level for AM. Reference amplifier for the regeneration of
the vision carrier. Optimized limiting amplifier for AM
suppression in the regenerated vision carrier signal and
90
° phase shifter.
Intercarrier mixer for FM sound, output with low-pass filter.
Separate signal processing for 5.5 and 5.74 MHz
intercarriers.
Wide supply voltage range, only 300 mW power
dissipation at 5 V.
QUICK REFERENCE DATA
ORDERING AND PACKAGE INFORMATION
Note
1. SOT234-1; 1997 January 8.
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VP
supply voltage (pin 21)
4.5
5
8.8
V
IP
supply current
−
60
72
mA
ViIF
IF input sensitivity (
−3 dB)
−
70
100
µV
Vo
audio output signal for FM standard B/G (RMS value)
−
1
−
V
audio output signal for AM standard L (RMS value)
−
0.5
−
V
THD
total harmonic distortion
for FM
−
0.5
−
%
for AM
−
1
−
%
S/N (W)
weighted signal-to-noise ratio
for FM
−
68
−
dB
for AM
−
56
−
dB
EXTENDED TYPE
NUMBER
PACKAGE
PINS
PIN POSITION
MATERIAL
CODE
TDA3866
24
shrink DIL
plastic
SOT234(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com