Electronic Components Datasheet Search
  English  ▼

X  

TDA3866 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA3866
Description  Quasi-split sound processor for all standards
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3866 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA3866 Datasheet HTML 1Page - NXP Semiconductors TDA3866 Datasheet HTML 2Page - NXP Semiconductors TDA3866 Datasheet HTML 3Page - NXP Semiconductors TDA3866 Datasheet HTML 4Page - NXP Semiconductors TDA3866 Datasheet HTML 5Page - NXP Semiconductors TDA3866 Datasheet HTML 6Page - NXP Semiconductors TDA3866 Datasheet HTML 7Page - NXP Semiconductors TDA3866 Datasheet HTML 8Page - NXP Semiconductors TDA3866 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
January 1992
4
Philips Semiconductors
Preliminary specification
Quasi-split sound processor for all standards
TDA3866
PINNING
SYMBOL
PIN
DESCRIPTION
AMIF1
1
AM IF difference input 1 for L standard (32.4 MHz)
AMIF2
2
AM IF difference input 2 for L standard
CAGC
3
charge capacitor for AGC (FM and AM)
CAM
4
charge capacitor for AM AGC
MODE
5
3-state input for standard select
FM2R1
6
reference circuit for FM2 (5.74 MHz)
FM2R2
7
reference circuit for FM2 (5,74 MHz)
AF2
8
AF2 output (AF out of 5.74 MHz)
AF1
9
AF1 output (AF out of 5.5 MHz or AM)
FM1R1
10
reference circuit for FM1 (5.5 MHz)
FM1R2
11
reference circuit for FM1 (5.5 MHz)
VC-R1
12
reference circuit for the vision carrier (38.9 MHz)
VC-R2
13
reference circuit for the vision carrier (38.9 MHz)
CAFAM
14
DC-decoupling capacitor for AM demodulator (AF-AM)
FM1I
15
intercarrier input for FM1 (5.5 MHz)
CAF1
16
DC-decoupling capacitor for FM1 demodulator (AF1)
ICO
17
intercarrier output signal (5.5/5.74 MHz)
CAF2
18
DC-decoupling capacitor for FM2 demodulator (AF2)
FM2I
19
intercarrier input for FM2 (5.74 MHz)
GND
20
ground (0 V)
VP
21
+5 ... +8 V supply voltage
Cref
22
charge capacitor for reference voltage
FMIF1
23
IF difference input 1 for B/G standard (38.9 MHz)
FMIF2
24
IF difference input 2 for B/G standard (38.9 MHz)
PIN CONFIGURATION
Fig.2 Pin configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com