Electronic Components Datasheet Search
  English  ▼

X  

TDA4504 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA4504
Description  Small signal combination for multistandard colour TV
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4504 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA4504 Datasheet HTML 4Page - NXP Semiconductors TDA4504 Datasheet HTML 5Page - NXP Semiconductors TDA4504 Datasheet HTML 6Page - NXP Semiconductors TDA4504 Datasheet HTML 7Page - NXP Semiconductors TDA4504 Datasheet HTML 8Page - NXP Semiconductors TDA4504 Datasheet HTML 9Page - NXP Semiconductors TDA4504 Datasheet HTML 10Page - NXP Semiconductors TDA4504 Datasheet HTML 11Page - NXP Semiconductors TDA4504 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
February 1992
8
Philips Semiconductors
Product specification
Small signal combination for multistandard colour TV
TDA4504B
50/60 Hz Information
In the external video mode and with a resistor of 1 M
Ω from pin 25 to VCC the mute is overruled by the 50/60 Hz
information from the divider system.
50/60 Hz Truth Table:
VCR switch
Flywheel horizontal synchronization is desirable when receiving weak signals marred by noise but is usually unnecessary
when receiving stronger off-air signals unless certain types of interference or multipath reception are apparent. Due to
the inherent instability of VCR signals, however, the horizontal time constant should be shorter to prevent loss of
horizontal synchronization in the early part of the scan. Provision is therefore incorporated to automatically switch the
short time constant such that a strong signal instigates the 'VCR' mode and a weak signal triggers the 'TV' mode.
The connection of a switch to pin 17 provides for this to be accomplished manually and may take the form of an auxiliary
switching function associated with a designated program selector button.
The TDA4504B has a separate pin (pin 17) for the VCR switch:
Video-switch
Video output from the demodulator is filtered to remove the audio carrier and DC-coupled to pin 16. If AC-coupling is
employed the internal noise clamp will operate on sync. tips.
The TDA4504B provides the opportunity for a direct video connection (e.g. via a peritel connector) to be made to the
device at pin 13. Selection between internal and external video is made by applying a switching potential to pin 18.
Video switch:
Gain reduction
To prevent crosstalk between the IF stages and the horizontal oscillator when the device is operated in its external video
mode with no RF input, the TDA4504B incorporates an option to reduce IF gain by 20 dB. This is accomplished by
connecting a 39 k
Ω resistor between pin 17 and ground. Omission of this component results in the IF amplifier remaining
at full gain.
In the internal video mode the resistor must be disconnected to achieve the auto-VCR mode.
Input Signal
50 Hz
60 Hz
None
Don’t care
Don’t care
Don’t care
Pin 9/10
Pin 25
9.5
9.5
0.3
9.5
9.5
9.5
Pin 28
50 Hz
60 Hz
None
50 Hz
60 Hz
None
Pin 18
LOW
LOW
LOW
HIGH
HIGH
HIGH
Pin 14
12
9
0.3
12
9
12
pin 17
HIGH:
VCR mode
fast time constant; ungated
pin 17
n.c.:
auto VCR mode
pin 17
LOW:
TV mode
slow time constant; gated
pin 18
LOW:
internal video
pin 18
HIGH:
external video



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com