Electronic Components Datasheet Search
  English  ▼

X  

TDA4504 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA4504
Description  Small signal combination for multistandard colour TV
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4504 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA4504 Datasheet HTML 9Page - NXP Semiconductors TDA4504 Datasheet HTML 10Page - NXP Semiconductors TDA4504 Datasheet HTML 11Page - NXP Semiconductors TDA4504 Datasheet HTML 12Page - NXP Semiconductors TDA4504 Datasheet HTML 13Page - NXP Semiconductors TDA4504 Datasheet HTML 14Page - NXP Semiconductors TDA4504 Datasheet HTML 15Page - NXP Semiconductors TDA4504 Datasheet HTML 16Page - NXP Semiconductors TDA4504 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
February 1992
13
Philips Semiconductors
Product specification
Small signal combination for multistandard colour TV
TDA4504B
INTERNAL VIDEO INPUT
16(p-p)
Internal video input signal (peak-to-peak
value)
VO = 2.5 V (p-p)
−
2
−
V
I16
input current
−
1.5
5
µA
V16
noise clamping at 1 mA level
2.2
2.4
2.6
V
VIDEO OUTPUT (POSITIVE VIDEO)
V15(p-p)
positive video output signal (peak-to-peak
value)
2.3
2.5
2.7
V
V15
sync tip signal
−
3
−
V
Ibias
internal bias current
1
1.5
−
mA
IO
maximum output current
5
−−
mA
α
crosstalk external to internal
notes 12 and 15
−
55
−
dB
α
crosstalk internal to external
notes 12 and 15
−
55
−
dB
Video switch
V18
input voltage for internal video
−−
0.8
V
V18
input voltage for external video
2
−
VP
V
I18
maximum current
pin 18 = 0 V
−
0.05
0.2
mA
pin 18 = 12 V
−
0.25
1
mA
AFC-circuit (note 16)
I22
AFC sample and hold switch-off current
0.1
−−
mA
IO
output current
V22 = 0 V
0.2
0.4
0.8
mA
IIL
leakage current
−−
1
µA
V21
AFC output voltage swing
10.5
−
11.5
V
I21
available output current
±0.2
−−
mA
control slope
−
100
−
mV/kHz
V21
output voltage
AFC off
5.5
6
6.5
V
RO
AFC output resistance
measured at an
input signal
amplitude of
150
µV(RMS)
−
40
−
k
Ω
V21(p-p)
output voltage swing
note 12
−
11
−
V
control slope
note 12
−
80
−
mV/kHz
V21
output voltage shift with respect to
VI = 10 mV(RMS)
note 12
−−2
−
V
AFC polarity switch
I12
sink current for negative slope
−−
1
µA
I12
sink current for positive slope
0.1
−−
mA
I12
maximum current
V12 = 0 V
−−
1mA
V12
switching level
5
−
7V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com