Electronic Components Datasheet Search
  English  ▼

X  

TDA4504 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDA4504
Description  Small signal combination for multistandard colour TV
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4504 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDA4504 Datasheet HTML 14Page - NXP Semiconductors TDA4504 Datasheet HTML 15Page - NXP Semiconductors TDA4504 Datasheet HTML 16Page - NXP Semiconductors TDA4504 Datasheet HTML 17Page - NXP Semiconductors TDA4504 Datasheet HTML 18Page - NXP Semiconductors TDA4504 Datasheet HTML 19Page - NXP Semiconductors TDA4504 Datasheet HTML 20Page - NXP Semiconductors TDA4504 Datasheet HTML 21Page - NXP Semiconductors TDA4504 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
February 1992
18
Philips Semiconductors
Product specification
Small signal combination for multistandard colour TV
TDA4504B
compensated at the beginning of scan. During conditions of weak signal (information derived from the AGC circuit)
the time constant is increased to obtain a better noise immunity.
19. This figure is valid for an external load impedance of 82
Ω from pin 31 to the shift adjustment potentiometer.
20. The flyback input and sandcastle output have been combined on one pin. The flyback pulse is clamped to a level of
4.5 V. The minimum current to drive the second control loop is 0.1 mA.
21. The vertical scan is synchronized by means of a divider system. Therefore no adjustment is required for the ramp
generator. The divider detects whether the incoming signal has a vertical frequency of 50 or 60 Hz and corrects the
vertical amplitude.
22. To avoid CRT screen burn due to a collapse of the vertical deflection a continuous blanking level is inserted in the
sandcastle pulse when the feedback voltage of the vertical deflection is not within the specified limits.
23. The functions in-sync/out-of-sync and transmitter identification have been combined on this pin.
The capacitor is charged during the sync pulse and discharged during the time difference between gating (6.5 /
µs)
and the sync pulse in the internal video mode. When the circuit is in the external mode the capacitor is charged by
the horizontal sync pulse and discharged continuously with a small current.
24. When the mute is active no 50/60 Hz information is available.
Fig.2 Video output signal.
Fig.3 EBU test signal waveform (line 17).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com