Electronic Components Datasheet Search
  English  ▼

X  

TDA4565 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA4565
Description  Colour transient improvement circuit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4565 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA4565 Datasheet HTML 2Page - NXP Semiconductors TDA4565 Datasheet HTML 3Page - NXP Semiconductors TDA4565 Datasheet HTML 4Page - NXP Semiconductors TDA4565 Datasheet HTML 5Page - NXP Semiconductors TDA4565 Datasheet HTML 6Page - NXP Semiconductors TDA4565 Datasheet HTML 7Page - NXP Semiconductors TDA4565 Datasheet HTML 8Page - NXP Semiconductors TDA4565 Datasheet HTML 9Page - NXP Semiconductors TDA4565 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
November 1989
6
Philips Semiconductors
Product specification
Colour transient improvement circuit
TDA4565
CHARACTERISTICS
VP = V10-18 = 12 V; Tamb = 25 °C; measured in application circuit Fig.3; unless otherwise specified
PARAMETER
CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply (pin 10)
Supply voltage
VP
10.8
12
13.2
V
Supply current
lP
−
35
50
mA
Colour difference paths
(R-Y) input voltage
(75% colour bar signal)
(peak-to-peak value)
V1(p-p)
−
1.05
1.5
V
(B-Y) input voltage
(75% colour bar signal)
(peak-to-peak value)
V2(p-p)
−
1.33
1.9
V
Input resistance
(R-Y)
R1-18
8
1216k
Ω
(B-Y)
R2-18
8
1216k
Ω
Internal bias voltage
(R-Y)
V1-18
3.8
4.3
4.8
V
(B-Y)
V1-18
3.8
4.3
4.8
V
Signal attenuation
(R-Y)
V8/V1
−10
+1dB
(B-Y)
V7/V2
−10
+1dB
Output transient time
note 1
ttr
−
100
200
ns
Output resistance
(B-Y)
R7-18
−
100
−Ω
(R-Y)
R8-18
−
100
−Ω
DC output voltage
(B-Y)
V7-18
3.8
4.3
4.8
V
(R-Y)
V8−18
3.8
4.3
4.8
V
Output current
note 2
source
I7, 8
0.4
−−
mA
sink
−I
7, 8
1.0
−−
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com