Electronic Components Datasheet Search
  English  ▼

X  

TDA4565 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA4565
Description  Colour transient improvement circuit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4565 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA4565 Datasheet HTML 3Page - NXP Semiconductors TDA4565 Datasheet HTML 4Page - NXP Semiconductors TDA4565 Datasheet HTML 5Page - NXP Semiconductors TDA4565 Datasheet HTML 6Page - NXP Semiconductors TDA4565 Datasheet HTML 7Page - NXP Semiconductors TDA4565 Datasheet HTML 8Page - NXP Semiconductors TDA4565 Datasheet HTML 9Page - NXP Semiconductors TDA4565 Datasheet HTML 10Page - NXP Semiconductors TDA4565 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
November 1989
7
Philips Semiconductors
Product specification
Colour transient improvement circuit
TDA4565
Y-signal path
Y-input voltage
(composite signal)
capacitive coupling
(peak-to-peak value)
V17(p-p)
−
1
1.4
V
Internal bias voltage
during clamping
V17-18
1.3
1.5
1.7
V
Input current
during picture content
I17
−
812
µA
during sync. pulse
−I
17
−
100
150
µA
Y-signal delay at pin 12
S1 open;
R14 = 1.2 kΩ;
(notes 3 and 4)
at V15-18 = 0 to 2.5 V
t17-18
670
730
790
ns
at V15-18 = 3.5 to 5.5 V
t17-18
760
820
880
ns
at V15-18 = 6.5 to 8.5 V
t17-18
850
910
970
ns
at V15-18 = 9.5 to 12 V
t17-18
940
1000
1060
ns
Fine adjustment of Y-signal
delay for all 4 steps
S1 closed
t17-12
30
50
70
ns
Signal delay between pin 11
and pin 12
S1 open
t11-12
160
180
200
ns
Dependency of delay time
on temperature
−
0.001
−
K−1
on supply voltage
−−0.03 −
V−1
Input switching current
−I15
−
15
25
µA
Y-signal attenuation
f = 0.5 MHz
pin 11 from pin 17
V11/V17
5.0
6.5
8.0
dB
pin 12 from pin 17
V12/V17
5.0
6.5
8.0
dB
Frequency response at
3 MHz referred to 0.5 MHz
note 5
pin 11
0
−
3.0
dB
pin 12
0
−
3.0
dB
PARAMETER
CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
t
17
12
–
∆
t
17
12
–
.T
j
∆
---------------------------
t
17
12
–
∆
t
17
12
–
.V
p
∆
-----------------------------
V
11 3MHz )
(
V
11 0.5 MHz )
(
------------------------------------------
V
12 3MHz )
(
V
12 0.5 MHz )
(
------------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com