Electronic Components Datasheet Search
  English  ▼

X  

TDA4565 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA4565
Description  Colour transient improvement circuit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4565 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA4565 Datasheet HTML 3Page - NXP Semiconductors TDA4565 Datasheet HTML 4Page - NXP Semiconductors TDA4565 Datasheet HTML 5Page - NXP Semiconductors TDA4565 Datasheet HTML 6Page - NXP Semiconductors TDA4565 Datasheet HTML 7Page - NXP Semiconductors TDA4565 Datasheet HTML 8Page - NXP Semiconductors TDA4565 Datasheet HTML 9Page - NXP Semiconductors TDA4565 Datasheet HTML 10Page - NXP Semiconductors TDA4565 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
November 1989
9
Philips Semiconductors
Product specification
Colour transient improvement circuit
TDA4565
APPLICATION INFORMATION
Table 1
Switching sequence for delay times.
Note
1. When switch (S1) is closed the delay time is increased by 50 ns.
2. Where: X = connection closed; 0 = connection open.
CONNECTION (2)
VOLTAGE AT PIN 15
DELAY TIME (ns) (1)
(a)
(b)
(c)
0
0
0
0 to 2.5 V
730
0
0
X
3.5 to 5.5 V
820
0
X
X
6.5 to 8.5 V
910
X
X
X
9.5 to 12 V
1000
Fig.3 Application diagram and test circuit.
(1) Residual carrier reduced to 20 mV peak-to-peak (R = 1 k
Ω, C = 100 pF).
(2) Switching sequence for delay times shown in Table 1.
(3) R14-18 = 1.2 kΩ for TDA4565
R14-18 = 1.15 kΩ for TDA4565A (27 kΩ resistor connected in parallel to 1.2 kΩ).



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com