Electronic Components Datasheet Search
  English  ▼

X  

EPR-91 Datasheet(PDF) 5 Page - Power Integrations, Inc.

Part # EPR-91
Description  Engineering Prototype Report for EP-91 - 12 W Power Supply using
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-91 Datasheet(HTML) 5 Page - Power Integrations, Inc.

  EPR-91 Datasheet HTML 1Page - Power Integrations, Inc. EPR-91 Datasheet HTML 2Page - Power Integrations, Inc. EPR-91 Datasheet HTML 3Page - Power Integrations, Inc. EPR-91 Datasheet HTML 4Page - Power Integrations, Inc. EPR-91 Datasheet HTML 5Page - Power Integrations, Inc. EPR-91 Datasheet HTML 6Page - Power Integrations, Inc. EPR-91 Datasheet HTML 7Page - Power Integrations, Inc. EPR-91 Datasheet HTML 8Page - Power Integrations, Inc. EPR-91 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
7-Feb-2006
EP-91 12 V, 1 A, Universal Input Supply
Page 5 of 36
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
1
Introduction
This report describes a universal input, 12 V, 1 A flyback power supply using a TNY278P
device from the TinySwitch-III family of ICs. It contains the complete specification of the
power supply, a detailed circuit diagram, the entire bill of materials required to build the
supply, extensive documentation of the power transformer, along with test data and
oscillographs of the most important electrical waveforms. The board provides a number
of user configurable options which are designed to demonstrate the features and
flexibility of the TinySwitch-III family.
These include easy adjustment of the device
current limit for increased output power or higher efficiency operation, and a latched
output overvoltage shutdown.
Figure 1 – EP-91 Populated Circuit Board Photographs.
-
+
AC
AC
-
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com