Electronic Components Datasheet Search
  English  ▼

X  

EPR-91 Datasheet(PDF) 23 Page - Power Integrations, Inc.

Part # EPR-91
Description  Engineering Prototype Report for EP-91 - 12 W Power Supply using
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-91 Datasheet(HTML) 23 Page - Power Integrations, Inc.

Back Button EPR-91 Datasheet HTML 19Page - Power Integrations, Inc. EPR-91 Datasheet HTML 20Page - Power Integrations, Inc. EPR-91 Datasheet HTML 21Page - Power Integrations, Inc. EPR-91 Datasheet HTML 22Page - Power Integrations, Inc. EPR-91 Datasheet HTML 23Page - Power Integrations, Inc. EPR-91 Datasheet HTML 24Page - Power Integrations, Inc. EPR-91 Datasheet HTML 25Page - Power Integrations, Inc. EPR-91 Datasheet HTML 26Page - Power Integrations, Inc. EPR-91 Datasheet HTML 27Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
7-Feb-2006
EP-91 12 V, 1 A, Universal Input Supply
Page 23 of 36
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
10 Thermal Performance
Temperature measurements of key components were taken using T-type thermocouples.
The thermocouples were soldered directly to a SOURCE pin of the TNY278P device and
to the cathode of the output rectifier.
The thermocouples were glued to the output
capacitor and to the external core and winding surfaces of transformer T1.
The unit was sealed inside a large box to eliminate any air currents. The box was placed
inside a thermal chamber. The ambient temperature within the large box was raised to
50
°C. The unit was then operated at full load and the temperature measurements were
taken after they stabilized for 1 hour at 50
°C.
Temperature (
°C)
Item
85 VAC
265 VAC
Ambient
50
*
50
*
TNY278P (U1)
96.1
92.8
Transformer (T1)
77.8
80
Output Rectifier (D7)
101
100
Output Capacitor (C10)
68.2
66.8
*To simulate operation inside sealed enclosure at 40
°C external ambient.
These results show that all key components have an acceptable rise in temperature.
85 VAC, 12 W Load, 22 °C Ambient
Figure 11 – Infrared Thermograph of Open Frame Operation, at Room Temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com