Electronic Components Datasheet Search
  English  ▼

X  

8136 Datasheet(PDF) 1 Page - Bi technologies

Part # 8136
Description  7/8 Diameter Plastic 10-Turn Hybrid Precision Potentiometer / Position Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

8136 Datasheet(HTML) 1 Page - Bi technologies

  8136 Datasheet HTML 1Page - Bi technologies 8136 Datasheet HTML 2Page - Bi technologies 8136 Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL 8136
7/8” Diameter
Plastic 10-Turn
Hybrid
Precision Potentiometer /
Position Sensor
2
2-119
Model 8136
ELECTRICAL
Resistance Range, Ohms
1K to 100K
Standard Resistance Tolerance
±10%
Independent Linearity
±0.25%
Power Rating, Watts
2.0 at 25°C derating to 0 at 105°C
Dielectric Strength
1,000V rms
Insulation Resistance, Minimum
1,000 Megohms
Output Smoothness, Maximum
100 Ohms
Actual Electrical Travel, Nominal
3600°
Tap Tolerance (Voltage Tap Only)
±0.05% of input voltage
End Voltage, Maximum
0.2% of input voltage
Resolution
Essentially Infinite
Temperature Coefficient
+100ppm/°C, -150ppm/°C
Specifications subject to change without notice.
FEATURES
Plastic Shaft & Bushing
ENVIRONMENTAL (MIL-R-12934)
Operating Temperature Range
–25°C to +105°C
Temperature Cycling
5 cycles, –25°C to +105°C (5% ∆R)
Shock, 6ms Sawtooth
100G’s (0.1ms discontinuity max.)
Vibration
10G’s, 10 to 500 Hz (5% ∆R, 0.1ms discontinuity max.)
Moisture Resistance
Five 24 hour cycles (3% ∆R)
High Temperature Exposure
1,000 hours at 105°C (5% ∆R)
Rotational Load Life
1 mil. shaft rev. + 900 hrs. at rated wattage at 25°C (5% ∆R)


Similar Part No. - 8136

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
8136 MICRONETICS-8136 Datasheet
39Kb / 1P
CONNECTORIZED ATTENUATOR
logo
TT Electronics.
8136 TTELEC-8136 Datasheet
645Kb / 3P
Multi-Turn Precision Potentiometer
logo
Christian Bürkert GmbH ...
8136 BURKERT-8136 Datasheet
1Mb / 14P
Radar level meter for aggressive media
15.09.2021
logo
Unisonic Technologies
8136-AB3-D-B UTC-8136-AB3-D-B Datasheet
201Kb / 6P
POWER RESET IC
8136-AB3-D-K UTC-8136-AB3-D-K Datasheet
201Kb / 6P
POWER RESET IC
More results

Similar Description - 8136

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7274 ETC1-7274 Datasheet
65Kb / 4P
7/8 Diameter Plastic 10-Turn Wirewound Precision Potentiometer
logo
Bi technologies
7480 BITECH-7480 Datasheet
78Kb / 5P
7/8 Diameter 5-Turn Wirewound Precision Potentiometer
6130 BITECH-6130 Datasheet
59Kb / 3P
Low Profile 7/8 Diameter Single Turn Conductive Plastic Bronze Bearing Position Sensor Precision Potentiometer
6143 BITECH-6143 Datasheet
83Kb / 4P
7/8 Diameter Single Turn Conductive Plastic Precision Potentiometer / Position Sensor
7280 BITECH-7280 Datasheet
77Kb / 5P
7/8 Diameter 10-Turn Wirewound Precision Potentiometer
7380 BITECH-7380 Datasheet
78Kb / 5P
7/8 Diameter 3-Turn Wirewound Precision Potentiometer
8140 BITECH-8140 Datasheet
76Kb / 5P
7/8 Diameter 10-Turn* Hybrid Precision Potentiometer / Position Sensor
6187R10KT5L1.0 BITECH-6187R10KT5L1.0 Datasheet
374Kb / 3P
7/8??Diameter Single Turn Conductive Plastic Precision Potentiometer Position Sensor
7381 BITECH-7381 Datasheet
294Kb / 4P
7/8 Diameter 3-Turn Wirewound Precision Potentiometer
7281 BITECH-7281 Datasheet
345Kb / 4P
7/8 Diameter 10-Turn Wirewound Precision Potentiometer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com