Electronic Components Datasheet Search
  English  ▼

X  

8136 Datasheet(PDF) 2 Page - Bi technologies

Part # 8136
Description  7/8 Diameter Plastic 10-Turn Hybrid Precision Potentiometer / Position Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

8136 Datasheet(HTML) 2 Page - Bi technologies

  8136 Datasheet HTML 1Page - Bi technologies 8136 Datasheet HTML 2Page - Bi technologies 8136 Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2-120
Model 8136
OUTLINE DIMENSIONS (Inch/mm)
.625
15.9
R Max.
.875±.016
22.2±0.41
Dia.
75°
Max.
.312±.016
7.93±0.41
+.000
-.010
+0.00
-0.25
.062
1.58
Mounting Surface
.249±.001
6.33±0.03
.404±.002
10.3±0.05
.812±.031
20.6±0.79
.750±.040
19.1±1.02
Slider
CCW
CW
Dia.
Dia.
3/8 - 32 UNEF Thread
Anti-Rotation Pin
.060±.005/1.52±0.13 Dia.
on .290±.005/7.37±0.13 Radius.
Extends .040±.010/1.02±0.25
From Mounting Surface
Adjustment Slot:
.047±.005/1.19±0.13 Wide X
+.015
+0.38
-.000
-0.00
.195±.015/4.95±0.38 Long
.063
/1.60
Deep X
OPTIONAL TERMINAL CONFIGURATION
40°
SLIDER
.625 R MAX
15.9 R MAX
VIEW B
.110
2.794
.020 Thickness
.060 ± .003
1.524 ± .076
.062 ± .003
1.524 ± .076
Enlarged View B
Dia.
Use Special Feature Code “FT” to order.
MECHANICAL
Total Mechanical Travel
3600° + 15° – 0°
Number of Gangs, Maximum
1
Weight, Nominal
0.42 oz.
Static Stop Strength
60 oz.-in.
Backlash, Maximum
2°
Panel Nut Tightening Torque, Maximum
8 lb.-in.
Shaft End Play, Maximum
.010”
Start/Run Torque, Maximum
1.5 oz.-in.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com