Electronic Components Datasheet Search
  English  ▼

X  

8136 Datasheet(PDF) 3 Page - Bi technologies

Part # 8136
Description  7/8 Diameter Plastic 10-Turn Hybrid Precision Potentiometer / Position Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

8136 Datasheet(HTML) 3 Page - Bi technologies

  8136 Datasheet HTML 1Page - Bi technologies 8136 Datasheet HTML 2Page - Bi technologies 8136 Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2
2-121
Model 8136
ORDERING INFORMATION
8136 R 10K L .25
Model Series
Resistance Prefix
Linearity
Resistance Value
MATCHING TURNS COUNTING DIALS
2606, 2606S, 2607, 2607S, 2626, 2627, 2646, 2646S, 2647, 2647S, 2126, RB
(CCW)
(S)
(CW)
Metric equivalents, based on 1 inch = 25.4mm are rounded to
the same number of significant figures as in the original
English units and are provided for general information only.
Tolerances unless otherwise specified:
Linear = ± .01 inches
(.25mm)
Angular = ± 2 degrees
NOTES
mm
INCH
CIRCUIT DIAGRAM
STANDARD RESISTANCE VALUES, OHMS
1K
2K
5K
10K
20K
50K
100K
SPECIAL FEATURES
Center Tap
CT
Linearity Tape
LT
Flatted Shaft
FS
Shaft Lock
SL
Gold Plated Solder Lug Terminals (see optional terminal configuration)
FT
METRIC CONVERSIONS
1 in.
25.4 mm
1 oz.
28.4 gm
1 oz.-in.
0,007 N-m
1 lb.-in.
0,113 N-m



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com