Electronic Components Datasheet Search
  English  ▼

X  

TDA4672 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA4672
Description  Picture Signal Improvement PSI circuit with enhanced peaking function
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4672 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA4672 Datasheet HTML 2Page - NXP Semiconductors TDA4672 Datasheet HTML 3Page - NXP Semiconductors TDA4672 Datasheet HTML 4Page - NXP Semiconductors TDA4672 Datasheet HTML 5Page - NXP Semiconductors TDA4672 Datasheet HTML 6Page - NXP Semiconductors TDA4672 Datasheet HTML 7Page - NXP Semiconductors TDA4672 Datasheet HTML 8Page - NXP Semiconductors TDA4672 Datasheet HTML 9Page - NXP Semiconductors TDA4672 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
1996 Dec 11
6
Philips Semiconductors
Product specification
Picture Signal Improvement (PSI) circuit
with enhanced peaking function
TDA4672
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134). GND1 and GND2 are connected together.
Note
1. Equivalent to discharging a 200 pF capacitor through a 0
Ω series resistor.
THERMAL CHARACTERISTICS
CHARACTERISTICS
VP = 5 V; nominal video amplitude VVB = 315 mV; tH =64 µs; tBK =4 µs (burst key); Tamb =25 °C and measurements
taken in Fig.4; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VP
supply voltage (pin 1)
0
8.8
V
VI
input voltage (pins 2 to 7 and pins 11 to 16)
−0.1
VP
V
V9,10
input voltage at pins 9 and 10
−0.1
+8.8
V
V17
input voltage at pin 17
−0.1
+12
V
I8-18
current between pins 8 and 18
−±20
mA
I3-4
current between pins 3 and 4
−±4mA
I6-7
current between pins 6 and 7
−±4mA
Ptot
total power dissipation
0
0.97
W
Tstg
storage temperature
−25
+150
°C
Tamb
operating ambient temperature
0
70
°C
VESD
electrostatic handling
note 1
for pin 17
−
+250
V
−−500
V
for other pins
−±500
V
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient in free air
82
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP
supply voltage (pin 1)
4.5
5
8.8
V
IP(tot)
total supply current
26
37
46
mA
Y-signal path
Vi(Y)(p-p)
VBS input signal on pin 16
(peak-to-peak value)
−
450
640
mV
V16
black level clamping voltage
−
3.1
−
V
I16
input current
during clamping
±95
−±190
µA
outside clamping
−−±0.1
µA
R16
input resistance
outside clamping
5
−−
M
Ω
C16
input capacitance
−
310
pF
td(Y)(max)
maximum Y delay time
set via I2C-bus
1070
1100
1130
ns
td(Y)(min)
minimum Y delay time
set via I2C-bus
−
20
−
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com