Electronic Components Datasheet Search
  English  ▼

X  

TDA4672 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA4672
Description  Picture Signal Improvement PSI circuit with enhanced peaking function
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4672 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA4672 Datasheet HTML 5Page - NXP Semiconductors TDA4672 Datasheet HTML 6Page - NXP Semiconductors TDA4672 Datasheet HTML 7Page - NXP Semiconductors TDA4672 Datasheet HTML 8Page - NXP Semiconductors TDA4672 Datasheet HTML 9Page - NXP Semiconductors TDA4672 Datasheet HTML 10Page - NXP Semiconductors TDA4672 Datasheet HTML 11Page - NXP Semiconductors TDA4672 Datasheet HTML 12Page - NXP Semiconductors TDA4672 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
1996 Dec 11
9
Philips Semiconductors
Product specification
Picture Signal Improvement (PSI) circuit
with enhanced peaking function
TDA4672
I2C-BUS FORMAT
Notes
1. S = START condition.
2. SLAVE ADDRESS = 1000 100X.
3. ACK = acknowledge, generated by the slave.
4. SUBADDRESS = subaddress byte, see Table 1.
5. DATA = data byte, see Table 1.
6. P = STOP condition.
7. X = read/write control bit.
X = 0, order to write (the circuit is slave receiver).
X = 1, order to read (the circuit is slave transmitter).
If more than 1 byte of DATA is transmitted, then auto-increment of the subaddress is performed.
Table 1
I2C-bus transmission; see Table 2
Table 2
Function of the bits
S(1)
SLAVE ADDRESS(2)
ACK(3)
SUBADDRESS(4)
ACK(3)
DATA(5)
P(6)
FUNCTION
SUBADDRESS
DATA
D7
D6
D5
D4
D3
D2
D1
D0
Y delay/SC
00010000
0
SC5
0
DL4
DL3
DL2
DL1
DL0
Peaking and coring
00010001
COR
PEAK
LCF
0
PCON3
PCON2
PCON1
PCON0
DATA
FUNCTION
LOGIC 1
LOGIC 0
DL0
set delay in luminance channel
45 ns
0 ns
DL1
90 ns
0 ns
DL2
180 ns
0 ns
DL3
180 ns
0 ns
DL4
450 ns
0 ns
SC5
select sandcastle pulse voltage
+5 V
+12 V
LCF
set peaking frequency response
2.6 MHz
5.0 MHz
PEAK
set peaking delay
active (190 ns)
inactive
COR
set coring control
active
inactive
PCONx
set peaking amplification
see Table 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com