Electronic Components Datasheet Search
  English  ▼

X  

TDA4672 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA4672
Description  Picture Signal Improvement PSI circuit with enhanced peaking function
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4672 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA4672 Datasheet HTML 3Page - NXP Semiconductors TDA4672 Datasheet HTML 4Page - NXP Semiconductors TDA4672 Datasheet HTML 5Page - NXP Semiconductors TDA4672 Datasheet HTML 6Page - NXP Semiconductors TDA4672 Datasheet HTML 7Page - NXP Semiconductors TDA4672 Datasheet HTML 8Page - NXP Semiconductors TDA4672 Datasheet HTML 9Page - NXP Semiconductors TDA4672 Datasheet HTML 10Page - NXP Semiconductors TDA4672 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
1996 Dec 11
7
Philips Semiconductors
Product specification
Picture Signal Improvement (PSI) circuit
with enhanced peaking function
TDA4672
∆td(Y)
minimum delay step
set via I2C-bus
40
45
50
ns
group delay time difference
f = 0.5 to 5 MHz;
maximum delay
−
0
±25
ns
td(peak)
minimum delay time for peaking
185
215
245
ns
GY
VBS signal gain measured on
output pin 12 (composite signal,
peak-to-peak value)
V12/V16; f = 500 kHz;
maximum delay
−2
−10
dB
I12
output current (emitter-follower
with constant current source)
source current
−1
−−
mA
sink current
0.4
−−
mA
R12
output resistance
−−
160
Ω
f
frequency response for
maximum delay
f = 0.5 to 3 MHz
−2
−10
dB
f = 0.5 to 5 MHz
−4
−3
−1dB
LIN
signal linearity for
αmin/αmax; note 1
video contents of 315 mV (p-p)
VVBS = 450 mV (p-p)
0.85
−−−
video contents of 450 mV (p-p)
VVBS = 640 mV (p-p)
0.60
−−−
Luminance peaking, selected via I2C-bus
fpeak
peaking frequency
fC1; LCF-bit = 0
4.5
5
5.5
MHz
fC2; LCF-bit = 1
2.3
2.6
2.9
MHz
Vpeak
peaking amplitude for grade of
peaking (fC amplitude over
0.5 MHz amplitude)
Y delay = 215 ns;
peaking delay only
selectable values
from
−−6
−
dB
to
−
+9
−
dB
each step
−
1
−
dB
no limitation of peaking
−−−
%
Vn(rms)
noise voltage on pin 12
(RMS value)
without peaking;
f=0to5MHz
−−
1mV
COR
coring of peaking
(coring part referred to 315 mV)
COR-bit = 1
−
20
−
%
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com