Electronic Components Datasheet Search
  English  ▼

X  

ADN2807 Datasheet(PDF) 7 Page - Analog Devices

Part # ADN2807
Description  155/622 Mb/s Clock and Data Recovery IC with Integrated Limiting Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2807 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADN2807 Datasheet HTML 3Page - Analog Devices ADN2807 Datasheet HTML 4Page - Analog Devices ADN2807 Datasheet HTML 5Page - Analog Devices ADN2807 Datasheet HTML 6Page - Analog Devices ADN2807 Datasheet HTML 7Page - Analog Devices ADN2807 Datasheet HTML 8Page - Analog Devices ADN2807 Datasheet HTML 9Page - Analog Devices ADN2807 Datasheet HTML 10Page - Analog Devices ADN2807 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Data Sheet
ADN2807
Rev. B | Page 7 of 21
T
S
T
H
CLKOUTP
DATAOUTP/N
Figure 3. Output Timing
RESISTANCE (k
Ω)
0
100
18
16
0
8
6
4
2
12
10
14
THRADJ RESISTOR VS. LOS TRIP POINT
10
20
30
40
50
60
70
80
90
Figure 4. LOS Comparator Trip Point Programming
0
10
1
2
3
4
5
6
7
8
9
HYSTERESIS (dB)
10
9
0
5
4
3
2
7
6
8
1
Figure 5. LOS Hysteresis OC-3, −40°C, 3.6 V,
223 –1 PRBS Input Pattern, RTH = 90 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com