Electronic Components Datasheet Search
  English  ▼

X  

ADN2807 Datasheet(PDF) 11 Page - Analog Devices

Part # ADN2807
Description  155/622 Mb/s Clock and Data Recovery IC with Integrated Limiting Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2807 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADN2807 Datasheet HTML 7Page - Analog Devices ADN2807 Datasheet HTML 8Page - Analog Devices ADN2807 Datasheet HTML 9Page - Analog Devices ADN2807 Datasheet HTML 10Page - Analog Devices ADN2807 Datasheet HTML 11Page - Analog Devices ADN2807 Datasheet HTML 12Page - Analog Devices ADN2807 Datasheet HTML 13Page - Analog Devices ADN2807 Datasheet HTML 14Page - Analog Devices ADN2807 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Data Sheet
ADN2807
Rev. B | Page 11 of 21
THEORY OF OPERATION
The ADN2807 is a delay-locked and phase-locked loop circuit
for clock recovery and data retiming from an NRZ encoded data
stream. The phase of the input data signal is tracked by two
separate feedback loops that share a common control voltage.
A high speed delay-locked loop path uses a voltage controlled
phase shifter to track the high frequency components of the input
jitter. A separate phase control loop, comprised of the VCO, tracks
the low frequency components of the input jitter. The initial
frequency of the VCO is set by a third loop, which compares the
VCO frequency with the reference frequency and sets the coarse
tuning voltage. The jitter tracking phase-locked loop controls
the VCO by the fine tuning control. The delay- and phase-locked
loops together track the phase of the input data signal. For example,
when the clock lags input data, the phase detector drives the VCO
to a higher frequency and also increases the delay through the
phase shifter. Both of these actions serve to reduce the phase error
between the clock and data. The faster clock picks up phase while
the delayed data loses phase. Since the loop filter is an integrator,
the static phase error will be driven to zero.
Another view of the circuit is that the phase shifter implements
the zero required for the frequency compensation of a second-
order phase-locked loop. This zero is placed in the feedback path
and, therefore, does not appear in the closed-loop transfer function.
Jitter peaking in a conventional second-order phase-locked loop
is caused by the presence of this zero in the closed-loop transfer
function. Since this circuit has no zero in the closed-loop transfer,
jitter peaking is minimized.
The delay- and phase-locked loops together simultaneously
provide wideband jitter accommodation and narrow-band jitter
filtering. The linearized block diagram in Figure 13 shows that
the jitter transfer function, Z(s)/X(s), is a second-order low-pass
providing excellent filtering. Note that the jitter transfer has no
zero, unlike an ordinary second-order phase-locked loop. This
means the main phase-locked loop has low jitter peaking
(Figure 14), which makes this circuit ideal for signal regenerator
applications where jitter peaking in a cascade of regenerators can
contribute to hazardous jitter accumulation.
d/sc
o/s
psh
1/n
e(s)
X(s)
INPUT
DATA
Z(s)
RECOVERED
CLOCK
d = PHASE DETECTOR GAIN
o = VCO GAIN
c = LOOP INTEGRATOR
psh = PHASE SHIFTER GAIN
n = DIVIDE RATIO
JITTER TRANSFER FUNCTION
Z(s)
X(s)
1
s2
+ s
+1
cn
do
n psh
o
=
TRACKING ERROR TRANSFER FUNCTION
e(s)
X(s)
s2
s2 + s
+
do
cn
d psh
c
=
Figure 13. Phase-Locked Loop/Delay-Locked Loop Architecture
The error transfer, e(s)/X(s), has the same high-pass form as an
ordinary phase-locked loop. This transfer function is free to be
optimized to give excellent wideband jitter accommodation since
the jitter transfer function, Z(s)/X(s), provides the narrow-band
jitter filtering. See Table 4 for error transfer bandwidths and jitter
transfer bandwidths at the various data rates. The delay-locked
and phase-locked loops contribute to overall jitter accommodation.
At low frequencies of input jitter on the data signal, the integrator
in the loop filter provides high gain to track large jitter amplitudes
with small phase error. In this case, the VCO is frequency
modulated, and jitter is tracked as in an ordinary phase-locked
loop. The amount of low frequency jitter that can be tracked is a
function of the VCO tuning range. A wider tuning range gives
larger accommodation of low frequency jitter. The internal loop
control voltage remains small for small phase errors, so the phase
shifter remains close to the center of the range and thus
contributes little to the low frequency jitter accommodation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com