Electronic Components Datasheet Search
  English  ▼

X  

ADN2913ACPZ Datasheet(PDF) 16 Page - Analog Devices

Part # ADN2913ACPZ
Description  Continuous Rate 6.5 Mbps to 8.5 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2913ACPZ Datasheet(HTML) 16 Page - Analog Devices

Back Button ADN2913ACPZ Datasheet HTML 12Page - Analog Devices ADN2913ACPZ Datasheet HTML 13Page - Analog Devices ADN2913ACPZ Datasheet HTML 14Page - Analog Devices ADN2913ACPZ Datasheet HTML 15Page - Analog Devices ADN2913ACPZ Datasheet HTML 16Page - Analog Devices ADN2913ACPZ Datasheet HTML 17Page - Analog Devices ADN2913ACPZ Datasheet HTML 18Page - Analog Devices ADN2913ACPZ Datasheet HTML 19Page - Analog Devices ADN2913ACPZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
ADN2913
Data Sheet
Rev. B | Page 16 of 35
Table 10. Control Register, CTRLB (Address 0x9)
Bits
Bit Name
Bit Description
D7
SOFTWARE_RESET
Software reset. Write a 1 followed by a 0 to reset the device.
D6
INIT_FREQ_ACQ
Initiate frequency acquisition. Write a 1 followed by a 0 to initiate a frequency acquisition
(optional).
D5
CDR bypass
CDR bypass.
0 = CDR enabled.
1 = CDR bypassed.
D4
LOL_CONFIG
LOL configuration.
0 = normal LOL.
1 = static LOL.
D3
LOS_PDN
LOS power-down.
0 = normal LOS.
1 = LOS powered down.
D2
LOS polarity
LOS polarity.
0 = active high LOS pin.
1 = active low LOS pin.
D1:D0
Reserved to 0.
Table 11. Control Register, CTRLC (Address 0xA)
Bits
Bit Name
Bit Description
D7:D3
Reserved to 0.
D2
REFCLK_PDN
Reference clock power-down. Write a 0 to enable the reference clock.
D1
Reserved to 0.
D0
Reserved to 1.
Table 12. Lock to Reference Clock Mode Programming Register, LTR_MODE (Address 0xF)
Bits
Bit Name
Bit Description
D7
Reserved to 0
D6
LOL data
LOL data
0 = valid recovered clock vs. reference clock during tracking
1 = valid recovered clock vs. data during tracking
D5:D4
FREF_RANGE[1:0]
fREF range
00 = 11.05 MHz to 22.1 MHz
01 = 22.1 MHz to 44.2 MHz
10 = 44.2 MHz to 88.4 MHz
11 = 88.4 MHz to 176.8 MHz
D3:D0
DATA_TO_REF_RATIO[3:0]
Data to reference ratio1 (N ≥ 2(N − 1), where N is the decimal equivalent of the binary code)
0000 = 1/2
0001 = 1
0010 = 2
0011 = 4
0100 = 8
…
1010 = 512
1
Data ÷ DIV_fREF, where DIV_fREF is the divided down reference referred to the 11.05 MHz to 22.1 MHz band (see the Reference Clock (Optional) section).
Data Rate/2(LTR_MODE[3:0] − 1) = REFCLK/2LTR_MODE[5:4]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com