Electronic Components Datasheet Search
  English  ▼

X  

ADN2913ACPZ Datasheet(PDF) 22 Page - Analog Devices

Part # ADN2913ACPZ
Description  Continuous Rate 6.5 Mbps to 8.5 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2913ACPZ Datasheet(HTML) 22 Page - Analog Devices

Back Button ADN2913ACPZ Datasheet HTML 18Page - Analog Devices ADN2913ACPZ Datasheet HTML 19Page - Analog Devices ADN2913ACPZ Datasheet HTML 20Page - Analog Devices ADN2913ACPZ Datasheet HTML 21Page - Analog Devices ADN2913ACPZ Datasheet HTML 22Page - Analog Devices ADN2913ACPZ Datasheet HTML 23Page - Analog Devices ADN2913ACPZ Datasheet HTML 24Page - Analog Devices ADN2913ACPZ Datasheet HTML 25Page - Analog Devices ADN2913ACPZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
ADN2913
Data Sheet
Rev. B | Page 22 of 35
FUNCTIONAL DESCRIPTION
FREQUENCY ACQUISITION
The ADN2913 acquires the frequency from the input data over
a range of data frequencies from 6.5 Mbps to 8.5 Gbps. The lock
detector circuit compares the frequency of the DCO and the
frequency of the incoming data. When these frequencies differ by
more than 1000 ppm, the LOL pin is asserted and a new frequency
acquisition cycle is initiated. The DCO frequency is reset to the
lowest point of the range, and the internal division rate is set to
the lowest value of N = 1, which is the highest octave of data rates.
The frequency detector then compares this sampling rate frequency
to the data rate frequency and either increases N by a factor of 2
if the sampling rate frequency is greater than the data rate
frequency, or increases the DCO frequency if the data rate
frequency is greater than the sampling rate frequency. Initially,
the DCO frequency is incremented in large steps to aid fast
acquisition. As the DCO frequency approaches the data frequency,
the step size is reduced until the DCO frequency is within 250
ppm of the data frequency, at which point LOL is deasserted.
When LOL is deasserted, the frequency-locked loop is turned
off. The PLL or DLL pulls in the DCO frequency until the DCO
frequency equals the data frequency.
LIMITING AMPLIFIER
The limiting amplifier has differential inputs (PIN and NIN)
that are each internally terminated with 50 Ω to an on-chip
voltage reference (VCM = 0.95 V typically). The inputs must be
ac-coupled. Input offset is factory trimmed to achieve better
than 10 mV p-p typical sensitivity with minimal drift. The
limiting amplifier can be driven differentially or single-ended.
DC coupling of the limiting amplifier is not possible because
the user must supply a common-mode voltage to exactly match
the internal common-mode voltage; otherwise, the internal
50 Ω termination resistors absorb the difference in common-
mode voltages.
Another reason that the limiting amplifier cannot be dc-coupled is
that the factory trimmed input offset becomes invalid. The offset is
adjusted to zero by differential currents from the slice adjust DAC
(see Figure 1). With ac coupling, all of the current goes to the 50 Ω
termination resistors on the ADN2913. However, with dc coupling,
this current is shared with the external drive circuit, and calibration
of the offset is lost. In addition, the slice adjust must have all the
current from the slice adjust DAC go to the resistors; otherwise,
the calibration is lost (see the Slice Adjust section).
SLICE ADJUST
The quantizer slicing level can be offset by ±100 mV in 1.6 mV
steps or by ±15 mV in 0.24 mV steps to mitigate the effect of
amplified spontaneous emission (ASE) noise or duty cycle
distortion. The quantizer slice adjust level is set by the slice[6:0]
bits in Register 0x15.
Accurate control of the slice threshold requires the user to read
back the factory trimmed offset, which is stored as a 7-bit
number in the slice readback register (Register 0x73). Use
Table 20 to decode the measured offset of the device, where an
LSB corresponds to 0.24 mV.
Table 20. Program Slice Level, Normal Slice Mode
(Extended Slice = 0)
Slice[6:0]
Decimal Value
Offset
0000000
0
Slice function disabled
0000001
1
−15 mV
…
…
…
1000000
64
0 mV
…
…
…
1111111
127
+14.75 mV
The amount of offset required for manual slice adjustment is
determined by subtracting the offset of the device from the
desired slice adjust level. Use Table 20 or Table 21 to determine
the code word to be written to the slice register.
An extended slice with coarser granularity for each LSB step is
found in Table 21. Setting the extended slice bit (Bit 7) = 1 in
Register 0x15 scales the full-scale range of the slice adjust by a
factor of 6.
Table 21. Program Slice Level, Extended Slice Mode
(Extended Slice = 1)
Slice[6:0]
Decimal Value
Offset
0000000
128
Slice function disabled
0000001
129
−100 mV
…
…
…
1000000
192
0 mV
…
…
…
1111111
255
+100 mV
When manual slice is desired, disable the dc offset loop, which
drives duty cycle distortion on the data to 0. Adaptive slice is
disabled by setting ADAPTIVE_SLICE_EN = 0 in Register 0x13.
EDGE SELECT
A binary, or Alexander phase, detector drives both the DLL and
PLL at all division rates. Duty cycle distortion on the received
data leads to a dead band in the phase detector transfer function
if phase errors are measured on both rising and falling data
transitions. This dead band leads to jitter generation of
unknown spectral composition whose peak-to-peak amplitude
is potentially large.
The recommended usage of the device when the dc offset loop is
disabled is to compute phase errors exclusively on either the rising
data edges with EDGE_SEL[1:0] (Bits[D4:D3] in Register 0x10) = 1
(decimal) or falling data edges with EDGE_SEL[1:0] = 2. The
alignment of the clock to the rising data edges with EDGE_
SEL[1:0] = 1 is represented by the top two curves in Figure 24.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com