Electronic Components Datasheet Search
  English  ▼

X  

ADN2913ACPZ Datasheet(PDF) 18 Page - Analog Devices

Part # ADN2913ACPZ
Description  Continuous Rate 6.5 Mbps to 8.5 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2913ACPZ Datasheet(HTML) 18 Page - Analog Devices

Back Button ADN2913ACPZ Datasheet HTML 14Page - Analog Devices ADN2913ACPZ Datasheet HTML 15Page - Analog Devices ADN2913ACPZ Datasheet HTML 16Page - Analog Devices ADN2913ACPZ Datasheet HTML 17Page - Analog Devices ADN2913ACPZ Datasheet HTML 18Page - Analog Devices ADN2913ACPZ Datasheet HTML 19Page - Analog Devices ADN2913ACPZ Datasheet HTML 20Page - Analog Devices ADN2913ACPZ Datasheet HTML 21Page - Analog Devices ADN2913ACPZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
ADN2913
Data Sheet
Rev. B | Page 18 of 35
Table 18. Output Control Register, OUTPUTA (Address 0x1E)
Bits
Bit Name
Bit Description
D7:D6
Reserved to 0
D5
Data squelch
Squelch
0 = normal data
1 = squelch data
D4
DATOUT_DISABLE
Data output disable
0 = data output enabled
1 = data output disabled
D3
CLKOUT_DISABLE
Clock output disable
0 = clock output enabled
1 = clock output disabled
D2
DDR_DISABLE
Double data rate
0 = DDR clock enabled
1 = DDR clock disabled
D1
DATA_POLARITY
Data polarity
0 = normal data polarity
1 = flip data polarity
D0
CLOCK_POLARITY
Clock polarity
0 = normal clock polarity
1 = flip clock polarity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com