Electronic Components Datasheet Search
  English  ▼

X  

LR38585 Datasheet(PDF) 4 Page - Sharp Corporation

Part # LR38585
Description  Single-chip Driver IC for 270 k/320 k pixel B/W CCDs with Dual-power-supply Operation
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LR38585 Datasheet(HTML) 4 Page - Sharp Corporation

  LR38585 Datasheet HTML 1Page - Sharp Corporation LR38585 Datasheet HTML 2Page - Sharp Corporation LR38585 Datasheet HTML 3Page - Sharp Corporation LR38585 Datasheet HTML 4Page - Sharp Corporation LR38585 Datasheet HTML 5Page - Sharp Corporation LR38585 Datasheet HTML 6Page - Sharp Corporation LR38585 Datasheet HTML 7Page - Sharp Corporation LR38585 Datasheet HTML 8Page - Sharp Corporation LR38585 Datasheet HTML 9Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
LR38585
4
PIN NO. SYMBOL IO SYMBOL POLARITY
PIN NAME
DESCRIPTION
12
VD
O
Vertical drive pulse
output
The pulse occurs at the start of every field.
14
VD2I
ICSU
–
External VD pulse
input
An input pin for external VD pulse.
The priority is higher than LLIN (pin 13).
15
VRI
ICSU
–
Vertical reset input
An input pin for resetting internal vertical counter.
The input pulse is VSYNC (negative polarity).
16
V1
O4MA2
Vertical transfer
pulse output 1
A pulse to drive vertical CCD shift register.
Connect to ØV1 pin of the CCD.
17
V2
O4MA2
Vertical transfer
pulse output 2
A pulse to drive vertical CCD shift register.
Connect to ØV2 pin of the CCD.
18
V3
O4MA2
Vertical transfer
pulse output 3
A pulse to drive vertical CCD shift register.
Connect to ØV3 pin of the CCD.
19
V4
O4MA2
Vertical transfer
pulse output 4
A pulse to drive vertical CCD shift register.
Connect to ØV4 pin of the CCD.
20
TST3
ICD
–
Test pin 3
A test pin. Set open or to L level in normal mode.
21
GND
–
–
Ground
A grounding pin.
22
VTG
O12MHV
Readout pulse
output
A pulse that transfers the charge of the photo-diode to
the vertical shift register.
Connect to the VTG pin of the CCD.
23
VDD12
–
–
Power supply
Supply of +12.5 V power.
25
OSCI
OSCI
–
Clock input
An input pin for reference clock oscillation.
Connect to OSCO (pin 26) with R.
The frequencies are as follows :
fH = Horizontal frequency
24
OFD
O12MHV
OFD pulse output
A pulse that sweeps the charge of the photo-diode for
electronic shutter. Connect to OFD of the CCD.
Held at L level in normal mode.
An output pin for reference clock oscillation.
The output is the inverse of OSCI (pin 25).
Clock output
–
OSC3M
OSCO
26
27
TST4
ICD
–
Test pin 4
A test pin. Set open or to L level in normal mode.
An input pin for line-lock pulse.
The priority is lower than VD2I (pin 14).
The inner mono-multivibrator is operated by the falling-
edge of LLIN. The width of mono-multivibrator output is
determined by R and C which are connected with RCIO
(pin 32).
Line-lock pulse input
–
ICSU
LLIN
13
TVMD
Frequency
L
19.0699 MHz (1 212 fH)
H
19.3125 MHz (1 236 fH)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com