Electronic Components Datasheet Search
  English  ▼

X  

LR38585 Datasheet(PDF) 5 Page - Sharp Corporation

Part # LR38585
Description  Single-chip Driver IC for 270 k/320 k pixel B/W CCDs with Dual-power-supply Operation
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LR38585 Datasheet(HTML) 5 Page - Sharp Corporation

  LR38585 Datasheet HTML 1Page - Sharp Corporation LR38585 Datasheet HTML 2Page - Sharp Corporation LR38585 Datasheet HTML 3Page - Sharp Corporation LR38585 Datasheet HTML 4Page - Sharp Corporation LR38585 Datasheet HTML 5Page - Sharp Corporation LR38585 Datasheet HTML 6Page - Sharp Corporation LR38585 Datasheet HTML 7Page - Sharp Corporation LR38585 Datasheet HTML 8Page - Sharp Corporation LR38585 Datasheet HTML 9Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
LR38585
5
PIN NO. SYMBOL IO SYMBOL POLARITY
PIN NAME
DESCRIPTION
28
POUT
TO6M
–
Phase comparator
output
An output pin of phase comparator. The pulse is
generated by comparing the phase of the inner VSYNC
pulse with mono-multivibrator output which is made from
the falling edge of LLIN (pin 13) adjusted by mono-multi-
vibrator or with the falling edge of VD2I (pin 14).
30
VDD
–
–
Power supply
Supply of +5 V power.
31
GND
–
–
Ground
A grounding pin.
32
RCIO
IO0
Pulse width control
output/input
The pin for determining the width of the mono-multipulse
to use LLIN (Line-locked circuit).
To be connected R to VDD, and C to GND.
To be connected R (= 100 k$) to VDD for input
protection, when no use LLIN (Line-locked).
33
FLMD
ICU
Electronic exposure
and WIND pulse
control input 1
An input pin to control electronic exposure mode,
flickerless mode and WIND (pin 3) pulse output.
WIND1 : Vertical pulse
WIND2 : Composite pulse (vertical and horizontal)
34
EEMD
ICU
–
Electronic exposure
and WIND pulse
control input 2
An input pin to control electronic exposure mode, flicker-
less mode and WIND (pin 3) pulse output, used with
FLMD (pin 33).
35
EEUD
IC
–
Electronic exposure
control input 2
An input pin to control electronic exposure.
36
EENR
IC
–
Electronic exposure
control input 3
37
HD
O
Horizontal drive
pulse output
The pulse occurs at the start of every line.
38
FS
O4MA2
CDS pulse output 1
A pulse to sample-hold the signal for the CCD.
39
FCDS
O4MA2
CDS pulse output 2
A pulse to clamp the feed-through level for the CCD.
–
–
FLMD EEMD
Electronic Shutter Mode
WIND
L
L
EIA : 1/60 s, CCIR : 1/50 s WIND1
H
L
EIA : 1/100 s, CCIR : 1/120 s WIND1
L
H
E/E operation
WIND1
H
H
E/E operation
WIND2
EEUD EENR
Shutter Speed
H
L
up
H
H
control stopped
L
H
down
An input pin for resetting all internal circuits at power-on.
Connect VDD through the diode and GND through the
capacitor.
All clear input
–
ICU
ACLX
29
Advanced
H level
L level
High-impedance
Delayed
Same



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com