Electronic Components Datasheet Search
  English  ▼

X  

LR38585 Datasheet(PDF) 6 Page - Sharp Corporation

Part # LR38585
Description  Single-chip Driver IC for 270 k/320 k pixel B/W CCDs with Dual-power-supply Operation
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LR38585 Datasheet(HTML) 6 Page - Sharp Corporation

  LR38585 Datasheet HTML 1Page - Sharp Corporation LR38585 Datasheet HTML 2Page - Sharp Corporation LR38585 Datasheet HTML 3Page - Sharp Corporation LR38585 Datasheet HTML 4Page - Sharp Corporation LR38585 Datasheet HTML 5Page - Sharp Corporation LR38585 Datasheet HTML 6Page - Sharp Corporation LR38585 Datasheet HTML 7Page - Sharp Corporation LR38585 Datasheet HTML 8Page - Sharp Corporation LR38585 Datasheet HTML 9Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
LR38585
6
PIN NO. SYMBOL IO SYMBOL POLARITY
PIN NAME
DESCRIPTION
42
FH2B
O4MA2
Horizontal transfer
pulse output 2B
A pulse to drive horizontal CCD shift register.
Connect to ØH2B pin of the CCD.
43
FH2
O4MA3
Horizontal transfer
pulse output 2
A pulse to drive horizontal CCD shift register.
Connect to ØH2 pin of the CCD.
45
FH1
O4MA3
Horizontal transfer
pulse output 1
A pulse to drive horizontal CCD shift register.
Connect to ØH1 pin of the CCD.
44
VDD
–
–
Power supply
Supply of +5 V power.
46
FH1B
O4MA2
Horizontal transfer
pulse output 1B
A pulse to drive horizontal CCD shift register.
Connect to ØH1B pin of the CCD.
47
STSL
ICU
–
Shutter speed
control input 2
An input pin to control maximum and initial shutter
speed with SMAX (pin 37).
48
GND
–
–
Ground
A grounding pin.
NOTE : How to use ACLX pin (pin 29).
And how to use RCIO pin (pin 32), when the LLIN pin (Line-locked) is not used.
An input pin to select mirror image mode or normal
image mode.
L level
: Normal image mode
H level or open
: Mirror image mode
Mirror mode
selection input
ICU
MIR
40
SMAX STSL Maximum Speed
Initial Speed
H
H
∏ 1/ 30 000 s
∏ 1/
1 000 s
L
H
∏ 1/ 49 000 s
∏ 1/
1 000 s
L
L
∏ 1/100 000 s
∏ 1/100 000 s
H
L
∏ 1/100 000 s
∏ 1/
1 000 s
RCIO
pin 32
VDD (5 V)
VDD (5 V)
100 k$
0.1 µF
ACLX
pin 29
IC
: Input pin (CMOS level)
ICU
: Input pin (CMOS level with pull-up resistor)
ICD
: Input pin (CMOS level with pull-down resistor)
ICSU
: Input pin (CMOS schmitt-trigger level with pull-up
resistor)
IO0
: Input and output pin (CMOS level input and
output)
O
: Output pin (VDD = 5 V)
O4MA2
: Output pin (VDD = 5 V)
O4MA3
: Output pin (VDD = 5 V)
O12MHV : Output pin (VDD12 = 12.5 V)
ON
: Output pin (N-ch open drain)
TO6M
: Tristate output pin
OSCI
: Input pin for oscillation
OSC3M
: Output pin for oscillation
41
FR
O4MA3
Reset pulse output
A pulse to reset the charge of output circuit.
Connect to ØR pin of the CCD through the DC offset circuit.
–
MIR
L (Normal mode)
H or open (Mirror mode)
FH2B
∏ FH2
∏ FH1
∏ FH2
∏ FH1
FH1B



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com