Electronic Components Datasheet Search
  English  ▼

X  

S30 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # S30
Description  Sensors - ac-Voltage
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S30 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  S30 Datasheet HTML 1Page - List of Unclassifed Manufacturers S30 Datasheet HTML 2Page - List of Unclassifed Manufacturers S30 Datasheet HTML 3Page - List of Unclassifed Manufacturers S30 Datasheet HTML 4Page - List of Unclassifed Manufacturers S30 Datasheet HTML 5Page - List of Unclassifed Manufacturers S30 Datasheet HTML 6Page - List of Unclassifed Manufacturers S30 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
S30 Sensors – ac-Voltage Series
2
P/N 121519
Banner Engineering Corp. • Minneapolis, MN U.S.A.
www.bannerengineering.com • Tel: 763.544.3164
Fixed-Field Mode Overview
S30 Series self-contained fixed-field sensors are small, powerful, infrared diffuse mode
sensors with far-limit cutoff (a type of background suppression). Their high excess gain
and fixed-field technology allow them to detect objects of low reflectivity, while ignoring
background surfaces.
The cutoff distance is fixed. Backgrounds and background objects must always be placed
beyond the cutoff distance.
Fixed-Field Sensing – Theory of Operation
The S30FF compares the reflections of its emitted light beam (E) from an object back to the
sensor’s two differently aimed detectors, R1 and R2 (see Figure 1). If the near detector (R1)
light signal is stronger than the far detector (R2) light signal (see object A, closer than the
cutoff distance), the sensor responds to the object. If the far detector (R2) light signal is
stronger than the near detector (R1) light signal (see object B, beyond the cutoff distance),
the sensor ignores the object.
The cutoff distance for model S30FF sensors is fixed at 200, 400 or 600 millimeters (8",
16", or 24"). Objects lying beyond the cutoff distance usually are ignored, even if they are
highly reflective. However, it is possible to falsely detect a background object, under certain
conditions (see Background Reflectivity and Placement).
In the drawings and discussion on these pages, the letters E, R1, and R2 identify how the
sensor’s three optical elements (Emitter “E”, Near Detector “R1”, and Far Detector “R2”)
line up across the face of the sensor. The location of these elements defines the sensing
axis (see Figure 2). The sensing axis becomes important in certain situations, such as those
illustrated in Figures 5 and 6.
Sensor Setup
Sensing Reliability
For highest sensitivity, position the target object for sensing at or near the point of
maximum excess gain. The excess gain curves for these products are shown on page 5.
Maximum excess gain for all models occurs at a lens-to-object distance of about 40 mm
(1.5"). Sensing at or near this distance will make maximum use of each sensor’s available
sensing power. The background must be placed beyond the cutoff distance. (Note that the
reflectivity of the background surface also may affect the cutoff distance.) Following these
two guidelines will improve sensing reliability.
Background Reflectivity and Placement
Avoid mirror-like backgrounds that produce specular reflections. False sensor response will
occur if a background surface reflects the sensor’s light more strongly to the near detector,
or “sensing” detector (R1), than to the far detector, or “cutoff” detector (R2). The result
is a false ON condition (Figure 3). To cure this problem, use a diffusely reflective (matte)
background, or angle either the sensor or the background (in any plane) so the background
does not reflect light back to the sensor (see Figure 4). Position the background as far
beyond the cutoff distance as possible.
An object beyond the cutoff distance, either stationary (and when positioned as shown in
Figure 5), or moving past the face of the sensor in a direction perpendicular to the sensing
axis, can cause unwanted triggering of the sensor if more light is reflected to the near
detector than to the far detector. The problem is easily remedied by rotating the sensor
90° (Figure 6). The object then reflects the R1 and R2 fields equally, resulting in no false
triggering. A better solution, if possible, may be to reposition the object or the sensor.
Sensing
Axis
R2
R1
E
As a general rule, the most reliable
sensing of an object approaching from
the side occurs when the line of approach
is parallel to the sensing axis.
Figure 2. Fixed-field sensing axis
R1
R2
Lenses
Object
A
Object B
or
Background
Sensing
Range
Cutoff
Distance
E
Receiver
Elements
Near
Detector
Far
Detector
Emitter
Object is sensed if amount of light at R1
is greater than the amount of light at R2
Figure 1. Fixed-field concept



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com