Electronic Components Datasheet Search
  English  ▼

X  

S30 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # S30
Description  Sensors - ac-Voltage
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S30 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  S30 Datasheet HTML 1Page - List of Unclassifed Manufacturers S30 Datasheet HTML 2Page - List of Unclassifed Manufacturers S30 Datasheet HTML 3Page - List of Unclassifed Manufacturers S30 Datasheet HTML 4Page - List of Unclassifed Manufacturers S30 Datasheet HTML 5Page - List of Unclassifed Manufacturers S30 Datasheet HTML 6Page - List of Unclassifed Manufacturers S30 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
P/N 121519
3
S30 Sensors – ac-Voltage Series
Banner Engineering Corp. • Minneapolis, MN U.S.A.
www.bannerengineering.com • Tel: 763.544.3164
Color Sensitivity
The effects of object reflectivity on cutoff distance, though small, may be important for
some applications. It is expected that at any given cutoff setting, the actual cutoff distance
for lower reflectance targets will be slightly shorter than for higher reflectance targets (see
Figure-of-Merit information on page 5). This behavior is known as color sensitivity.
For example, an excess gain of 1 (see page 5) for an object that reflects 1/10 as much light
as the 90% white card is represented by the horizontal graph line at excess gain = 10. An
object of this reflectivity results in a far limit cutoff of approximately 190 mm (7.5") for the
200 mm (8") cutoff model, for example; thus 190 mm represents the cutoff for this sensor
and target.
These excess gain curves were generated using a white test card of 90% reflectance.
Objects with reflectivity of less than 90% reflect less light back to the sensor, and thus
require proportionately more excess gain in order to be sensed with the same reliability as
more reflective objects. When sensing an object of very low reflectivity, it may be especially
important to sense it at or near the distance of maximum excess gain.
Core of
Emitted
Beam
Strong
Direct
Reflection
to R1
Fixed Sensing
Field
R1 = Near Detector
R2 = Far Detector
E
= Emitter
S30FF
R1
R2
E
Fixed
Sensing
Field
Cutoff
Distance
Reflective
Background
or
Moving Object
Figure 3. Reflective background – problem
Figure 4. Reflective background – solution
Figure 5. Object beyond cutoff – problem
Figure 6. Object beyond cutoff – solution
Fixed
Sensing
Field
E
= Emitter
R1 = Near Detector
R2 = Far Detector
S30FF
Cutoff
Distance
E, R1, R2
S30FF
R1
R2
E
R1 = Near Detector
R2 = Far Detector
E
= Emitter
Core of
Emitted
Beam
Cutoff
Distance
Reflective
Background
Fixed Sensing
Field
Strong
Direct
Reflection
Away
From Sensor
A reflective background object in this position or
moving across the sensor face in this axis and
direction may cause false sensor response.
A reflective background object in this position or
moving across the sensor face in this axis will be
ignored.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com