Electronic Components Datasheet Search
  English  ▼

X  

S30 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # S30
Description  Sensors - ac-Voltage
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S30 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  S30 Datasheet HTML 1Page - List of Unclassifed Manufacturers S30 Datasheet HTML 2Page - List of Unclassifed Manufacturers S30 Datasheet HTML 3Page - List of Unclassifed Manufacturers S30 Datasheet HTML 4Page - List of Unclassifed Manufacturers S30 Datasheet HTML 5Page - List of Unclassifed Manufacturers S30 Datasheet HTML 6Page - List of Unclassifed Manufacturers S30 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
S30 Sensors – ac-Voltage Series
6
P/N 121519
Banner Engineering Corp. • Minneapolis, MN U.S.A.
www.bannerengineering.com • Tel: 763.544.3164
89.4 mm
(3.52")
65.0 mm
(2.56")
Cabled Models
QD Models
8��7����
����8"�
��������
�����"�
����������
����������������
���������
���������������
�����������������
��������
������������
���������
������
Dimensions
bn
bu
bk
20-250V ac
Load
Cabled Emitters
20-250V ac
No connection
rd/wh
rd/bk
rd
gn
bn
bu
20-250V ac
All Other Cabled Models
QD Emitters
(4-pin Micro-Style)
All Other QD Models
(4-pin Micro-Style)
20-250V ac
No Connection
Load
rd/wh
rd
rd/bk
gn
Hookups



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com