Electronic Components Datasheet Search
  English  ▼

X  

TDA4857 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDA4857
Description  I2C-bus autosync deflection controller for PC monitors
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4857 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDA4857 Datasheet HTML 14Page - NXP Semiconductors TDA4857 Datasheet HTML 15Page - NXP Semiconductors TDA4857 Datasheet HTML 16Page - NXP Semiconductors TDA4857 Datasheet HTML 17Page - NXP Semiconductors TDA4857 Datasheet HTML 18Page - NXP Semiconductors TDA4857 Datasheet HTML 19Page - NXP Semiconductors TDA4857 Datasheet HTML 20Page - NXP Semiconductors TDA4857 Datasheet HTML 21Page - NXP Semiconductors TDA4857 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
2000 Jan 31
18
Philips Semiconductors
Product specification
I2C-bus autosync deflection controller for
PC monitors
TDA4857PS
AUTOMATIC VARIATION OF DUTY CYCLE; see Fig.14
tHDRV(OFF)/tH
relative tOFF time of HDRV
output; measured at
VHDRV = 3 V; HDRV duty cycle
is modulated by the relation
IHREF/IVREF
IHDRV =20mA;
fH = 31.45 kHz
42
45
48
%
IHDRV =20mA;
fH = 58 kHz
45.5
48.5
51.5
%
IHDRV =20mA;
fH = 110 kHz
49
52
55
%
X-ray protection: pins XRAY and XSEL
VXRAY(sl)
slicing voltage level for latch
6.22
6.39
6.56
V
tW(XRAY)(min)
minimum width of trigger pulse
−−
30
µs
Ri(XRAY)
input resistance at pin 2
VXRAY < 6.38 V + VBE
500
−−
k
Ω
VXRAY > 6.38 V + VBE
−
5
−
k
Ω
standby mode
−
5
−
k
Ω
XRAYrst
reset of X-ray latch
pin 9 open-circuit or
connected to GND
set control bit SOFTST via
the I2C-bus
−
pin 9 connected to VCC via
RXSEL
switch off VCC then
re-apply VCC
−
VCC(XRAY)(min)
minimum supply voltage for
correct function of the X-ray
latch
pin 9 connected to VCC via
RXSEL
−−
4V
VCC(XRAY)(max)
maximum supply voltage for
reset of the X-ray latch
pin 9 connected to VCC via
RXSEL
2
−−
V
RXSEL
external resistor at pin 9
no reset via I2C-bus
56
−
130
k
Ω
Vertical oscillator [oscillator frequency in application without adjustment of free-running frequency ffr(V)]
ffr(V)
free-running frequency
RVREF =22kΩ;
CVCAP = 100 nF
40
42
43.3
Hz
fcr(V)
vertical frequency catching
range
constant amplitude; note 7 50
−
160
Hz
VVREF
voltage at reference input for
vertical oscillator
−
3.0
−
V
td(scan)
delay between trigger pulse
and start of ramp at VCAP
(pin 24) (width of vertical
blanking pulse)
control bit VBLK = 0
220
260
300
µs
control bit VBLK = 1
305
350
395
µs
IVAGC
amplitude control current
control bit AGCDIS = 0
±120
±200
±300
µA
control bit AGCDIS = 1
−
0
−µA
CVAGC
external capacitor at VAGC
(pin 22)
150
−
220
nF
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com