Electronic Components Datasheet Search
  English  ▼

X  

TDA4857 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # TDA4857
Description  I2C-bus autosync deflection controller for PC monitors
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4857 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button TDA4857 Datasheet HTML 28Page - NXP Semiconductors TDA4857 Datasheet HTML 29Page - NXP Semiconductors TDA4857 Datasheet HTML 30Page - NXP Semiconductors TDA4857 Datasheet HTML 31Page - NXP Semiconductors TDA4857 Datasheet HTML 32Page - NXP Semiconductors TDA4857 Datasheet HTML 33Page - NXP Semiconductors TDA4857 Datasheet HTML 34Page - NXP Semiconductors TDA4857 Datasheet HTML 35Page - NXP Semiconductors TDA4857 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
2000 Jan 31
32
Philips Semiconductors
Product specification
I2C-bus autosync deflection controller for
PC monitors
TDA4857PS
Table 4
List of I2C-bus controlled switches; notes 1 and 2
Notes
1. X = don’t care.
2. # = this bit is occupied by another function. If the register is addressed, the bit values for both functions must be
transferred.
3. Bits STDBY and SOFTST can be reset by internal protection circuit.
CONTROL
BIT
FUNCTION
SAD
(HEX)
REGISTER ASSIGNMENT
D7 D6 D5 D4 D3 D2 D1 D0
BLKDIS
0: vertical, protection and horizontal unlock blanking
available on pins CLBL and HUNLOCK
01
X
######D0
1: only vertical and protection blanking available on
pins CLBL and HUNLOCK
HBC
0: HPINBAL (parabola) waveform enabled
01
X
#####D1 #
1: HPINBAL (parabola) waveform disabled
HPC
0: HPARAL (sawtooth) waveform enabled
01
X
####D2 #
#
1: HPARAL (sawtooth) waveform disabled
AGCDIS
0: AGC in vertical oscillator active
01
X
###D3 ###
1: AGC in vertical oscillator inhibited
VSC
0: VLIN and HCOR adjustments enabled
01
X
#
#
D4 ####
1: VLIN and HCOR adjustments forced to centre value
MOD
0: horizontal and vertical moire cancellation enabled
01
X
#
D5 #####
1: horizontal and vertical moire cancellation disabled
FHMULT
0: EW output independent of horizontal frequency
0B
######X
D0
1: EW output tracks with horizontal frequency
VOVSCN
0: vertical size 100%
0B
#####D2 X
#
1: vertical size 116.8% for VGA350
CLAMP
0: trailing edge for horizontal clamp
0B
####D3 #
X
#
1: leading edge for horizontal clamp
VBLK
0: vertical blanking = 260
µs
0B
###D4 ##X
#
1: vertical blanking = 340
µs
VLC
0: VLINBAL adjustment enabled
0B
#
#
D5 ###X
#
1: VLINBAL adjustment forced to centre value
VPC
0: VPOS and HTRAP adjustments enabled
0B
#
D6 ####X
#
1: VPOS and HTRAP adjustments forced to centre value
ACD
0: ASCOR disconnected from PLL2
0B
D7 #####X
#
1: ASCOR internally connected with PLL2
STDBY(3)
0: internal power supply enabled
0D
XXXXXX#
D0
1: internal power supply disabled
SOFTST(3)
0: soft start not released (pin HPLL2 pulled to ground)
0D
XXXXXXD1 #
1: soft start is released (power-up via pin HPLL2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com