Electronic Components Datasheet Search
  English  ▼

X  

AR50LC Datasheet(PDF) 3 Page - Abracon Corporation

Part # AR50LC
Description  MINIATURE ATOMIC CLOCK, RUBIDIUM OSCILLATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AR50LC Datasheet(HTML) 3 Page - Abracon Corporation

  AR50LC Datasheet HTML 1Page - Abracon Corporation AR50LC Datasheet HTML 2Page - Abracon Corporation AR50LC Datasheet HTML 3Page - Abracon Corporation AR50LC Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AR50LC series
MINIATURE ATOMIC CLOCK, RUBIDIUM OSCILLATOR
Revision: Initial Release
Initial Release 3/28/2024
Page 3
Disclaimer
Check Inventory
S
Request Samples
AR50LC-
MHz-
Output
S: Sinewave
(*)
C: HCMOS
(**)
(*) only available @
Option A= Vdd=12Vdc
(**) only available @
Option B=Vdd=5Vdc
Frequency Stability
A: ±0.3ppb over -20°C ~ +65°C
B: ±0.5ppb over -30°C ~ +65°C
C: ±0.5ppb over -20°C ~ +70°C
D: ±0.5ppb over -30°C ~ +70°C
Vdd
A: 12Vdc
B: 5Vdc
Frequency in MHz
Please specify the
frequency in MHz. e.g.
10.000MHz
Part Identification



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com