Electronic Components Datasheet Search
  English  ▼

X  

AR50LC Datasheet(PDF) 2 Page - Abracon Corporation

Part # AR50LC
Description  MINIATURE ATOMIC CLOCK, RUBIDIUM OSCILLATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AR50LC Datasheet(HTML) 2 Page - Abracon Corporation

  AR50LC Datasheet HTML 1Page - Abracon Corporation AR50LC Datasheet HTML 2Page - Abracon Corporation AR50LC Datasheet HTML 3Page - Abracon Corporation AR50LC Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AR50LC series
MINIATURE ATOMIC CLOCK, RUBIDIUM OSCILLATOR
Revision: Initial Release
Initial Release 3/28/2024
Page 2
Disclaimer
Check Inventory
S
Request Samples
Parameters
Min.
Typ.
Max.
Units
Notes
Electrical Frequency Adjustment
Control Voltage
0
5
Vdc
Frequency Pull Range
±4.0
ppb
Option A=Vdd=12Vdc
±2.0
ppb
Option B=Vdd=5Vdc
Frequency Pull Slope
Positive
Control Voltage Port Impedance
10
kΩ
Lock Monitor
Warm-up time to lock
6
minutes
Lock Monitor Output Logic High
4.0
Vdc
Unlocked
Lock Monitor Output Logic Low
0.5
Vdc
Locked
Phase Noise
SSB Phase Noise
(Output Waveform= Sinewave)
-95
dBc/Hz
@10Hz offset
-126
dBc/Hz
@100Hz offset
-135
dBc/Hz
@1kHz offset
-145
dBc/Hz
@10kHz offset
-145
dBc/Hz
@100kHz offset
SSB Phase Noise
(Output Waveform= CMOS)
-95
dBc/Hz
@10Hz offset
-125
dBc/Hz
@100Hz offset
-135
dBc/Hz
@1kHz offset
-140
dBc/Hz
@10kHz offset
-140
dBc/Hz
@100kHz offset
Allan Deviation
Allan Deviation
(Output Waveform= Sinewave)
2E-11
5E-11
ԏ=1s
8E-12
2E-11
ԏ=10s
3E-12
7E-11
ԏ=100s
Allan Deviation
(Output Waveform= CMOS)
3E-11
5E-11
ԏ=1s
9E-12
2E-11
ԏ=10s
5E-12
7E-11
ԏ=100s
Parameters
Description
Mechanical Shock
IEC 60068-2-27, Test Ea: Acceleration of 50G peak amplitude for 11ms duration
Vibration
IEC 60068-2-06, Test Fc: 10Hz-55Hz 1.5mm displacement, 55Hz-500Hz 10G
EMI
Compliant to FCC Part 15, Class B
Relative humidity
94% non-condensing
Magnetic Field sensitivity
2x10-12 Gauss
Atmospheric pressure
-60m to 4000m 1x10-13 Per mbar
Approximate MTBF
100,000 Hours, Stationary
Weight
< 200 grams
Environmental and Mechanical
Electrical Specifications continued[Note1]



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com