Electronic Components Datasheet Search
  English  ▼

X  

AR50LC Datasheet(PDF) 1 Page - Abracon Corporation

Part # AR50LC
Description  MINIATURE ATOMIC CLOCK, RUBIDIUM OSCILLATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AR50LC Datasheet(HTML) 1 Page - Abracon Corporation

  AR50LC Datasheet HTML 1Page - Abracon Corporation AR50LC Datasheet HTML 2Page - Abracon Corporation AR50LC Datasheet HTML 3Page - Abracon Corporation AR50LC Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AR50LC series
MINIATURE ATOMIC CLOCK, RUBIDIUM OSCILLATOR
Revision: Initial Release
Initial Release 3/28/2024
Page 1
Disclaimer
Check Inventory
S
Request Samples
Description
Parameters
Min.
Typ.
Max.
Units
Notes
Frequency Output
10
MHz
Supply Voltage (Vdd) [Note 2]
12
12.5 to 15
+18
Vdc
Option A
4.9
5.0
+5.1
Vdc
Option B
Input Power (warm-up)
18
W
Input Power (steady-state)
6
W
Warm-up time to ±0.5ppb accuracy
8
minutes
Operating Temperature Range
-20
+65
°C
See options
Storage Temperature Range
-40
+90
°C
Initial Frequency Tolerance
at time of shipment
±0.05
ppb
@+25°C
Frequency Stability over Operating
Temperature Range (in still air)
±0.2
±0.3
ppb
See options
Aging per day
5E-12
After 30 days
Aging per month
5E-11
After 30 days
Aging per year
5E-10
After 30 days
Warm-up time to lock
6
minutes
Retrace
±0.03
ppb
after 1 hour of continuous operation
Output Waveform
Sinewave
Output Power
+8
+10
+12
dBm
Output Load
50
Ω
Spectral Purity, Spurious
-70
dBc
100kHz BW
Spectral Purity, Harmonics
-30
dBc
Output Waveform
CMOS
Output Logic High (VOH)
2.97
Vdc
Output Logic Low (VOL)
0.33
Vdc
Duty Cycle
40
50
60
%
Rise/Fall time
10
nS
Output Load
15
pF
Abracon’s AR50LC embedded Rubidium Oscillator offers the latest technology that provides
exceptional performance including excellent accuracy, short term stability and frequency stability.
The Abracon AR50LC is available with either a sinewave or CMOS output and with a supply voltage
of +5Vdc or +12Vdc, with extended range up to +18Vdc. Additional features of this series include
lock monitor output and voltage control function to support a wide range of applications.
Output Frequency 10MHz
Low phase noise high precision atomic clock
Excellent short-term stability
Operating Supply Voltage: +5Vdc, +12Vdc
Ultra-tight frequency tolerance ±0.05 ppb
Temp stability available to 0.3ppb (-20°C to +65°C)
Sinewave or CMOS Output
REACH/RoHS II Compliant | MSL N/A
ESD Sensitive
Features
Typical Applications
Electrical Specifications [Note1]
Satellite Timing and Frequency
Oil and Gas Exploration
GPS Receiver
Telecommunication Infrastructure
4G/LTE/CDMA/EMTS
Test and Measurement
Underwater Sensor Systems
Mining and Seismic Research
Note 1:
All measurements guaranteed at +25°C unless otherwise specified.
Note 2:
The +12Vdc version can be powered up with any VDD value in the range of +12Vdc to +18Vdc.
Note 3:
The application should maintain thermal stability to obtain optimum performance. The use of a heat sink or copper plate under the device should be avoided.
Device mounting should allow for a minimum of 1mm clearance from the printed circuit board.


Similar Part No. - AR50LC

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
AR50L CHENYI-AR50L Datasheet
50Kb / 2P
AVALANCHE AUTOMOTIVE DIODE
logo
Bi technologies
AR50L.25XX BITECH-AR50L.25XX Datasheet
103Kb / 4P
1-13/16 Diameter 10-Turn Wirewound Precision Potentiometer
More results

Similar Description - AR50LC

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
RB-2110CB EPSONTOYOCOM-RB-2110CB Datasheet
478Kb / 2P
RUBIDIUM ATOMIC OSCILLATOR
RB-3310N EPSONTOYOCOM-RB-3310N Datasheet
496Kb / 2P
RUBIDIUM ATOMIC OSCILLATOR
logo
Vectron International, ...
AR-51-07 VECTRON-AR-51-07 Datasheet
622Kb / 8P
GPS-Disciplined Rubidium Clock
AR-51-09 VECTRON-AR-51-09 Datasheet
699Kb / 8P
GPS-Disciplined Rubidium Clock
logo
IQD Frequency Products ...
IQRB-1 IQD-IQRB-1 Datasheet
283Kb / 2P
Rubidium Oscillator
IQRB-2 IQD-IQRB-2 Datasheet
205Kb / 2P
Rubidium Oscillator
logo
Advanced XTAL Products
AXRB1021 AXTAL-AXRB1021 Datasheet
286Kb / 4P
High Stability Rubidium Oscillator
logo
Suntsu Electronics, Inc...
SRO10S SUNTSU-SRO10S Datasheet
189Kb / 2P
Rubidium Oscillator
SRO20S SUNTSU-SRO20S Datasheet
222Kb / 2P
Rubidium Oscillator
SRO30S SUNTSU-SRO30S Datasheet
209Kb / 2P
Rubidium Oscillator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com