Electronic Components Datasheet Search
  English  ▼

X  

C403B Datasheet(PDF) 3 Page - Coilcraft lnc.

Part # C403B
Description  MAGNETICS FOR RF, POWER,FILTER AND DATA APPLICATIONS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

C403B Datasheet(HTML) 3 Page - Coilcraft lnc.

  C403B Datasheet HTML 1Page - Coilcraft lnc. C403B Datasheet HTML 2Page - Coilcraft lnc. C403B Datasheet HTML 3Page - Coilcraft lnc. C403B Datasheet HTML 4Page - Coilcraft lnc. C403B Datasheet HTML 5Page - Coilcraft lnc. C403B Datasheet HTML 6Page - Coilcraft lnc. C403B Datasheet HTML 7Page - Coilcraft lnc. C403B Datasheet HTML 8Page - Coilcraft lnc. C403B Datasheet HTML 9Page - Coilcraft lnc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
www.coilcraft.com US +1-847-639-6400 Europe +44-1236-730595
3
Chip Inductors
Coilcraft chip inductors cover the range from 0.45 nH to 1,000 µH. All except
the AF, DF, LS, 026011F and 0402FL Series are wound on ceramic bodies
and offer exceptionally high SRFs, high Q and tight tolerances. Many parts are
available with inductance tolerances as low as 1% at only a small premium.
Coilcraft offers
Designer’s Kits that contain samples for prototyping. See page
55 or order on-line at
https://www.coilcraft.com/en-us/kits/.
S-parameters
&
SPICE models
Available on
our web site
0201AF Ferrite
Impedance
Inductance
typ (Ohms)
SRF typ
DCR max
I
rms
Part number
±5% (nH)
900 MHz 1.7 GHz
(MHz)
(Ohms)
(mA)
0201AF-330XKRW
33@7.9MHz
170
345
3400
0.150
340
0201AF-510XKRW
51@7.9MHz
255
480
2900
0.300
280
0201AF-680XKRW
68@7.9MHz
350
750
2600
0.330
220
0201AF-910XKRW
91@7.9MHz
425
830
2350
0.370
200
0201AF-111XKRW
110@7.9MHz
625
1560
2100
0.480
170
0201AF-141XKRW
140@7.9MHz
680
1380
2000
0.650
160
0201AF-171XKRW
170@7.9MHz
890
1910
1850
0.860
140
0201AF-201XKRW
200@7.9MHz
1130
2620
1700
1.250
110
0201HL
Inductance
SRF typ
DCR max
I
rms
1.7 GHz
Part number
±5% (nH)
(GHz)
(Ohms)
(mA)
L typ Q typ
0201HL-22NXJRW
22 @ 250 MHz
4.35
0.75
140
22.7
52
0201HL-24NXJRW
24 @ 250 MHz
4.35
0.93
130
24.9
53
0201HL-27NXJRW
27 @ 250 MHz
3.95
1.03
125
28.2
47
0201HL-33NXJRW
33 @ 250 MHz
3.70
1.14
120
35.4
45
0201HL-39NXJRW
39 @ 250 MHz
3.45
1.55
100
42.7
43
0201HL-47NXJRW
47 @ 250 MHz
3.25
1.70
95
52.8
43
0201HL-51NXJRW
51 @ 250 MHz
3.45
1.85
90
58.3
44
0201DS
Inductance
Percent
SRF typ
DCR max
I
rms
1.7 GHz
Part number
(nH)
tolerance* (GHz)
(Ohms)
(mA)
L typ Q typ
0201DS-0N5XKEW
0.5 @ 250 MHz
10
23.5
0.020
1250
0.49
43
0201DS-0N6XKEW
0.6 @ 250 MHz
10
24.5
0.030
1000
0.58
51
0201DS-1N2XJEW
1.2 @ 250 MHz
5
17.9
0.042
870
1.16
60
0201DS-1N3XJEW
1.3 @ 250 MHz
5
17.6
0.048
820
1.24
57
0201DS-1N4XJEW
1.4 @ 250 MHz
5
17.0
0.080
630
1.34
37
0201DS-1N5XJEW
1.5 @ 250 MHz
5
17.0
0.090
600
1.47
40
0201DS-2N2XJEW
2.2 @ 250 MHz
5
16.7
0.070
700
2.23
32
0201DS-2N3XJEW
2.3 @ 250 MHz
5
16.5
0.070
670
2.28
64
0201DS-2N4XJEW
2.4 @ 250 MHz
5
13.0
0.082
620
2.36
53
0201DS-2N5XJEW
2.5 @ 250 MHz
5
12.5
0.165
440
2.49
44
0201DS-3N3XJEW
3.3 @ 250 MHz
5
12.8
0.080
630
3.32
62
0201DS-3N4XJEW
3.4 @ 250 MHz
5,3
12.7
0.080
630
3.42
62
0201DS-3N5XJEW
3.5 @ 250 MHz
5,3
12.4
0.080
630
3.45
64
0201DS-3N6XJEW
3.6 @ 250 MHz
5,3
12.5
0.105
550
3.57
61
0201DS-3N7XJEW
3.7 @ 250 MHz
5,3
10.6
0.105
550
3.66
58
0201DS-3N8XJEW
3.8 @ 250 MHz
5,3
10.2
0.180
420
3.81
60
0201DS-3N9XJEW
3.9 @ 250 MHz
5,3
11.2
0.240
360
3.89
50
0201DS-4N8XJEW
4.8 @ 250 MHz
5,3
11.0
0.096
570
4.83
50
0201DS-4N9XJEW
4.9 @ 250 MHz
5,3
11.7
0.130
510
4.71
52
0201DS-5N0XJEW
5.0 @ 250 MHz
5,3
11.5
0.130
510
4.90
54
0201DS-5N1XJEW
5.1 @ 250 MHz
5,3
11.1
0.130
510
4.96
54
0201DS-5N2XJEW
5.2 @ 250 MHz
5,3
10.0
0.170
430
5.21
55
0201DS-5N3XJEW
5.3 @ 250 MHz
5,3
10.6
0.130
510
5.15
57
0201DS-5N4XJEW
5.4 @ 250 MHz
5,3
10.2
0.130
510
5.31
56
0201DS-5N5XJEW
5.5 @ 250 MHz
5,3
9.5
0.285
330
5.49
50
0201DS-6N7XJEW
6.7 @ 250 MHz
5,3
6.8
0.150
460
6.72
59
0201DS-6N8XJEW
6.8 @ 250 MHz
5,3
9.5
0.150
460
6.52
52
0201DS-6N9XJEW
6.9 @ 250 MHz
5,3
9.3
0.150
460
6.73
54
0201DS-7N0XJEW
7.0 @ 250 MHz
5,3
6.7
0.210
390
6.97
60
0201DS-7N1XJEW
7.1 @ 250 MHz
5,3
9.5
0.250
390
6.90
54
0201DS-7N2XJEW
7.2 @ 250 MHz
5,3
9.4
0.250
390
6.97
55
0201DS-7N3XJEW
7.3 @ 250 MHz
5,3
9.3
0.250
390
7.04
56
0201DS-7N4XJEW
7.4 @ 250 MHz
5,3
9.1
0.250
390
7.30
61
0201DS-7N5XJEW
7.5 @ 250 MHz
5,3
6.8
0.340
300
7.46
50
0201DS-7N6XJEW
7.6 @ 250 MHz
5,3
9.3
0.300
340
7.31
59
0201DS-7N7XJEW
7.7 @ 250 MHz
5,3
9.2
0.300
340
7.37
60
0201DS-7N8XJEW
7.8 @ 250 MHz
5,3
9.2
0.300
340
7.49
58
0201DS-7N9XJEW
7.9 @ 250 MHz
5,3
9.1
0.300
340
7.56
58
0201DS-8N0XJEW
8.0 @ 250 MHz
5,3
9.2
0.300
340
7.68
53
0201DS-8N1XJEW
8.1 @ 250 MHz
5,3
9.1
0.300
340
7.75
59
0201DS-8N2XJEW
8.2 @ 250 MHz
5,3
6.4
0.270
340
8.22
53
0201DS-8N3XJEW
8.3 @ 250 MHz
5,3
8.9
0.300
340
7.95
57
0201DS-8N4XJEW
8.4 @ 250 MHz
5,3
8.9
0.350
300
8.04
55
0201DS-8N5XJEW
8.5 @ 250 MHz
5,3
8.9
0.350
300
8.13
55
0201DS-8N7XJEW
8.7 @ 250 MHz
5,3
6.3
0.350
300
8.74
59
0201DS-9N0XJEW
9.0 @ 250 MHz
5,3
6.4
0.350
300
9.04
63
0201DS-9N4XJEW
9.4 @ 250 MHz
5,3
6.4
0.400
280
9.39
51
0201DS-9N6XJEW
9.6 @ 250 MHz
5,3
6.2
0.400
280
9.64
53
0201DS-11NXJEW
11.0 @ 250 MHz
5,3
5.7
0.400
280
11.15 62
0201DS-12NXJEW
12.0 @ 250 MHz
5,3
5.6
0.360
300
12.20 56
0201DS-13NXJEW
13.0 @ 250 MHz
5,3
6.7
0.440
270
13.22 52
0201DS-14NXJEW
14.0 @ 250 MHz
5,3
5.1
0.440
270
14.37 51
Dimensions (inches mm)
Series
A max
B max
C max
E
F
G
016008C
0.0185 0,47 0.0110 0,28 0.0138 0,35 0.0080 0,20 0.0035 0,09 0.0115 0,29
0201AF
0.023 0,58
0.014 0,36
0.018 0,46
0.014 0,36 0.004 0,10
0.015 0,38
0201DS
0.023 0,58
0.018 0,46
0.0177 0,45 0.015 0,38 0.004 0,10
0.015 0,38
0201HL
0.023 0,58
0.018 0,46
0.018 0,46
0.015 0,38 0.004 0,10
0.005 0,46
Which chip inductor family should you use?
Ceramic (SUFFIX, BODY SIZE)
Ferrite (SUFFIX, BODY SIZE)
Highest Q
DC
0402-0603
HP
0402-0805
HQ
0403-1008
CS
0402-1812
LS
0603-1812
Lowest DCR
DC
0402-0603
HP
0402-0805
DS
0201
DF
0402
AF
0201-1008
LS
0603-1812
Highest current HP
0402-0805
PA
0402
HC
0603
DF
0402
AF
0201-1008
LS
0603-1812
Highest L
HL
0201-0603
DF
0402
LS
0603-1812
* Bold numbers indicate tolerances carried in stock. When ordering, please replace underscore in part number with
the proper tolerance code: J = 5%, K = 10%, . (e.g. 0201DS-14NXJEW for a 5% tolerance part.)
016008C
Inductance
Percent
Q typ
SRF typ
DCR max
Irms
Part number
(nH)
tolerance 900 MHz 1.7 GHz (GHz)
(mOhms)
(mA)
016008C-N45XKRW 0.45 @ 250 MHz 10
37
48
36.0
60
550
016008C-N50XKRW 0.5 @ 250 MHz
10
30
40
36.0
75
445
016008C-1N1XKRW 1.1 @ 250 MHz
10
38
50
21.0
95
415
016008C-1N2XKRW 1.2 @ 250 MHz
10
34
45
21.3
130
335
016008C-1N3XKRW 1.3 @ 250 MHz
10
27
37
21.0
200
270
016008C-2N0XJRW 2.0 @ 250 MHz
5
34
45
15.2
125
345
016008C-2N2XJRW 2.2 @ 250 MHz
5
33
45
14.8
180
275
016008C-2N3XJRW 2.3 @ 250 MHz
5
25
36
14.8
160
340
016008C-2N4XJRW 2.4 @ 250 MHz
5
27
36
14.2
260
225
016008C-2N5XJRW 2.5 @ 250 MHz
5
25
35
13.6
205
305
016008C-3N3XJRW 3.3 @ 250 MHz
5
34
45
12.2
150
305
016008C-3N6XJRW 3.6 @ 250 MHz
5
31
42
12.0
230
245
016008C-3N8XJRW 3.8 @ 250 MHz
5
27
36
11.4
345
195
016008C-3N9XJRW 3.9 @ 250 MHz
5
27
37
11.3
230
275
016008C-4N3XJRW 4.3 @ 250 MHz
5
32
42
10.8
190
265
016008C-4N7XJRW 4.7 @ 250 MHz
5
34
47
11.0
275
220
016008C-5N1XJRW 5.1 @ 250 MHz
5
31
42
10.0
325
200
016008C-5N3XJRW 5.3 @ 250 MHz
5
29
40
9.7
430
175
016008C-5N6XJRW 5.6 @ 250 MHz
5
28
39
9.8
275
220
016008C-5N8XJRW 5.8 @ 250 MHz
5
35
48
9.8
315
220
016008C-6N0XJRW 6.0 @ 250 MHz
5
31
42
9.8
340
200
016008C-6N2XJRW 6.2 @ 250 MHz
5
33
44
9.7
385
185
016008C-6N8XJRW 6.8 @ 250 MHz
5
31
42
9.0
310
200
016008C-6N9XJRW 6.9 @ 250 MHz
5
30
40
8.8
510
160
016008C-7N5XJRW 7.5 @ 250 MHz
5
28
37
8.2
320
260
016008C-7N8XJRW 7.8 @ 250 MHz
5
31
42
8.4
380
180
016008C-8N2XJRW 8.2 @ 250 MHz
5
30
40
8.1
445
170
016008C-8N8XJRW 8.8 @ 250 MHz
5
30
39
7.8
600
145
016008C-9N5XJRW 9.5 @ 250 MHz
5
28
37
7.6
575
180
016008C-10NXJRW 10 @ 250 MHz
5
31
40
7.4
520
155
016008C-12NXJRW 12 @ 250 MHz
5
27
37
6.5
640
170
016008C-13NXJRW 13 @ 250 MHz
5
30
38
6.5
730
130
016008C-15NXJRW 15 @ 250 MHz
5
27
35
6.2
820
120
016008C-18NXJRW 18 @ 250 MHz
5
27
37
5.5
1020
120
016008C-20NXJRW 20 @ 250 MHz
5
28
35
5.3
1300
110
016008C-24NXJRW 24 @ 250 MHz
5
28
33
4.8
1550
100
NEW!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com