Electronic Components Datasheet Search
  English  ▼

X  

C403B Datasheet(PDF) 55 Page - Coilcraft lnc.

Part # C403B
Description  MAGNETICS FOR RF, POWER,FILTER AND DATA APPLICATIONS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

C403B Datasheet(HTML) 55 Page - Coilcraft lnc.

Back Button C403B Datasheet HTML 51Page - Coilcraft lnc. C403B Datasheet HTML 52Page - Coilcraft lnc. C403B Datasheet HTML 53Page - Coilcraft lnc. C403B Datasheet HTML 54Page - Coilcraft lnc. C403B Datasheet HTML 55Page - Coilcraft lnc. C403B Datasheet HTML 56Page - Coilcraft lnc. C403B Datasheet HTML 57Page - Coilcraft lnc. C403B Datasheet HTML 58Page - Coilcraft lnc. C403B Datasheet HTML 59Page - Coilcraft lnc. Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 60 page
background image
www.coilcraft.com US +1-847-639-6400 Europe +44-1236-730595
55
MSD7342
Common mode
Cutoff
impedance
frequency Inductance (µH)
DCR max Isolation Irms
Part number
max (kOhms)
(MHz)
min
nom
(Ohms)
(Vrms)
(A)
MSD7342-252MLC 3.07 @ 59 MHz
89
2.00
2.5
0.033
200
2.17
MSD7342-332MLC 3.86 @ 50 MHz
70
2.64
3.3
0.037
200
2.05
MSD7342-472MLC 4.93 @ 37 MHz
55
3.76
4.7
0.051
200
1.74
MSD7342-562MLC 5.96 @ 34 MHz
67
4.48
5.6
0.063
200
1.57
MSD7342-682MLC 7.85 @ 31 MHz
79
5.44
6.8
0.070
200
1.49
MSD7342-822MLC 9.09 @ 32 MHz
55
6.56
8.2
0.075
200
1.44
MSD7342-103MLC 9.15 @ 24 MHz
63
8.00
10
0.10
200
1.24
MSD7342-123MLC 11.85 @ 22 MHz
47
9.60
12
0.12
200
1.14
MSD7342-153MLC 14.43 @ 20 MHz
53
12.0
15
0.13
200
1.09
MSD7342-183MLC 18.24 @ 18 MHz
38
14.4
18
0.17
200
0.95
MSD7342-223MLC 18.37 @ 15 MHz
49
17.6
22
0.22
200
0.84
MSD7342-273MLC 25.63 @ 14 MHz
42
21.6
27
0.25
200
0.79
MSD7342-333MLC 26.26 @ 14 MHz
41
26.4
33
0.27
200
0.76
MSD7342-393MLC 35.44 @ 11 MHz
42
31.2
39
0.38
200
0.64
MSD7342-473MLC 34.38 @ 11 MHz
38
37.6
47
0.42
200
0.61
MSD7342-563MLC 41.03 @ 7.9 MHz
40
44.8
56
0.46
200
0.58
MSD7342-683MLC 70.55 @ 8.5 MHz
52
54.4
68
0.60
200
0.51
MSD7342-823MLC 84.57 @ 7.4 MHz
26
65.6
82
0.68
200
0.48
MSD7342-104MLC 89.05 @ 6.6 MHz
24
80.0
100
0.77
200
0.45
MSD7342-124MLC 101.4 @ 6.4 MHz
22
96.0
120
1.03
200
0.39
MSD7342-154MLC 121.2 @ 5.2 MHz
19
120
150
1.35
200
0.34
MSD7342-184MLC 141.5 @ 4.6 MHz
20
144
180
1.52
200
0.32
MSD7342-224MLC 133.0 @ 4.8 MHz
25
176
220
1.72
200
0.30
MSD7342-274MLC 103.7 @ 3.6 MHz
18
216
270
2.41
200
0.25
MSD7342-334MLC 131.7 @ 3.8 MHz
9.1
264
330
2.70
200
0.24
MSD7342-394MLC 145.9 @ 3.1 MHz
11
312
390
3.05
200
0.23
MSD7342-474MLC 187.2 @ 2.7 MHz
11
376
470
4.00
200
0.20
MSD7342-564MLC 204.4 @ 2.6 MHz
8.1
448
560
4.43
200
0.19
MSD7342-684MLC 210.0 @ 2.4 MHz
3.3
544
680
5.00
200
0.18
MSD7342-824MLC 251.8 @ 2.1 MHz
6.6
656
820
6.80
200
0.15
MSD7342-105MLC 276.1 @ 2.1 MHz
5.1
800
1000
7.80
200
0.14
MSD1583
Common mode
Cutoff
impedance
frequency Inductance (µH)
DCR max Isolation Irms
Part number
max (kOhms)
(MHz)
min
nom
(Ohms)
(Vrms)
(A)
MSD1583-103MED 10.86 @ 17 MHz
38
8.0
10
0.031
500
3.68
MSD1583-123MED 12.11 @ 16 MHz
30
9.6
12
0.037
500
3.54
MSD1583-153MED 12.31 @ 14 MHz
25
12.0
15
0.045
500
3.18
MSD1583-183MED 15.77 @ 13 MHz
25
14.4
18
0.048
500
3.04
MSD1583-223MED 14.47 @ 12 MHz
28
17.6
22
0.065
500
2.44
MSD1583-333MED 33.82 @ 9 MHz
28
26.4
33
0.095
500
2.16
MSD1583-473MED 39.79 @ 7.6 MHz
23
37.6
47
0.115
500
1.98
MSD1583-683MED 49.24 @ 5.9 MHz
17
54.4
68
0.165
500
1.56
MSD1583-104KED
69.83 @ 5 MHz
16
90.0
100
0.260
500
1.24
MSD1583-154KED
73.09 @ 3.9 MHz
12
135
150
0.380
500
1.06
MSD1583-224KED
78.91 @ 3.3 MHz
9.7
198
220
0.460
500
0.92
MSD1583-474KED
104.9 @ 2.2 MHz
7.4
423
470
1.04
500
0.65
MSD1583-105KED
129.0 @ 1.5 MHz
5.8
900
1000
2.40
500
0.42
MSD1048*
Common mode
Cutoff
impedance
frequency Inductance (µH)
DCR max Isolation Irms
Part number
max (kOhms)
(MHz)
min
nom
(Ohms)
(Vrms)
(A)
MSD1048-222NED
3.49 @71 MHz
200
1.54
2.2
0.019
200
2.4
MSD1048-103MED 10.1 @27 MHz
97
8.00
10
0.053
200
1.5
MSD1048-223MED 17.0 @17 MHz
44
17.6
22
0.098
200
1.3
MSD1048-473MED 32.4 @12 MHz
29
37.6
47
0.208
200
1.1
MSD1048-683MED 52.2 @9.3 MHz
38
54.4
68
0.297
200
1.0
MSD1048-104MED 58.3 @7.4 MHz
19
80.0
100
0.387
200
0.85
MSD1048-224KED
87.9 @5.0 MHz
16
198
220
0.840
200
0.62
MSD1514
Common mode
Cutoff
impedance
frequency Inductance (µH)
DCR max Isolation Irms
Part number
max (kOhms)
(MHz)
min
nom
(Ohms)
(Vrms)
(A)
MSD1514-252MED 2.96 @ 35 MHz
100
2.00
2.5
0.012
500
5.10
MSD1514-472MED 4.02 @ 23 MHz
18.0
3.76
4.7
0.014
500
4.50
MSD1514-103MED 6.54 @ 14 MHz
17.0
8.00
10
0.018
500
4.00
MSD1514-123MED 7.83 @ 14 MHz
26.0
9.60
12
0.022
500
3.70
MSD1514-153MED 11.7 @ 11 MHz
9.30
12.0
15
0.028
500
3.40
MSD1514-223MED 17.1 @ 8.10 MHz
14.0
17.6
22
0.036
500
3.00
MSD1514-273MED 17.9 @ 7.20 MHz
10.0
21.6
27
0.039
500
2.95
MSD1514-333MED 22.6 @ 7.10 MHz
21.0
26.4
33
0.052
500
2.55
MSD1514-473MED 47.6 @ 6.40 MHz
5.30
37.6
47
0.075
500
2.20
MSD1514-683MED 37.8 @ 4.30 MHz
8.80
54.4
68
0.090
500
2.00
MSD1514-104KED
59.8 @ 3.70 MHz
11.0
80.0
100
0.126
500
1.65
MSD1514-224KED
85.6 @ 2.50 MHz
10.0
176
220
0.287
500
1.10
MSD1514-334KED
58.0 @ 2.00 MHz
7.30
264
330
0.367
500
0.98
MSD1514-474KED
101.9 @ 1.60 MHz 5.30
376
470
0.550
500
0.77
MSD1514-105KED
157.9 @ 1.10 MHz 4.90
800
1000
1.25
500
0.55
Dimensions (inches mm)
Series
A max
B max
C max
D ref
E typ
F
G
MSD1048
0.406 10,3
0.406 10,3
0.197 5,0
0.079 2,0
0.228 5,8
0.118 3,0
0.039 1,0
MSD1260
0.484 12,3
0.484 12,3
0.244 6,2
0.138 3,5
0.197 5,0
0.197 5,0
0.059 1,5
MSD1278
0.484 12,3
0.484 12,3
0.317 8,05
0.138 3,5
0.197 5,0
0.197 5,0
0.059 1,5
MSD1514
0.787 15,5 0.787 15,5
0.220 5,6
0.130 3,3
0.331 8,2
0.559 14,2 0.074 1,9
MSD1583
0.610 15,5
0.610 15,5
0.220 5,6
0.126 3,2
0.331 8,4
0.339 8,6
0.075 1,9
MSD7342
0.295 7,5
0.295 7,5
0.181 4,6
0.063 1,6
0.150 3,8
0.091 2,3
0.028 0,7
MSD Series
A
B
C
E
F
D
G
*High-temperature, AEC grade 1 version available. Visit http://www.coilcraft.com/prod_hitemp.cfm.
MSD1278*
Common mode
Cutoff
impedance
frequency Inductance (µH)
DCR max Isolation Irms
Part number
max (kOhms)
(MHz)
min
nom
(Ohms)
(Vrms)
(A)
MSD1278-472MLD 7.58@ 31 MHz
110
3.76
4.7
0.038
500
3.16
MSD1278-562MLD 8.95 @ 25 MHz
81
4.48
5.6
0.046
500
2.87
MSD1278-682MLD 9.18 @ 22 MHz
63
5.44
6.8
0.048
500
2.81
MSD1278-822MLD 11.56 @ 21 MHz
87
6.56
8.2
0.050
500
2.76
MSD1278-103MLD 13.14 @ 19 MHz
58
8.00
10
0.058
500
2.56
MSD1278-123MLD 14.07 @ 17 MHz
57
9.60
12
0.062
500
2.48
MSD1278-153MLD 16.26 @ 16 MHz
53
12.0
15
0.072
500
2.30
MSD1278-183MLD 16.16 @ 15 MHz
43
14.4
18
0.080
500
2.18
MSD1278-223MLD 25.12 @ 12 MHz
35
17.6
22
0.096
500
1.99
MSD1278-273MLD 27.70 @ 11 MHz
39
21.6
27
0.12
500
1.78
MSD1278-333MLD 36.43 @ 9.8 MHz
37
26.4
33
0.15
500
1.59
MSD1278-393MLD 45.55 @ 9 MHz
42
31.2
39
0.16
500
1.54
MSD1278-473MLD 44.61 @ 8.6 MHz
28
37.6
47
0.18
500
1.45
MSD1278-563MLD 52.97 @ 7.7 MHz
26
44.8
56
0.19
500
1.41
MSD1278-683MLD 55.09 @ 6.8 MHz
22
54.4
68
0.21
500
1.35
MSD1278-823MLD 58.18 @ 6.1 MHz
22
65.6
82
0.28
500
1.16
MSD1278-104MLD 68.89 @ 5.8 MHz
22
80.0
100
0.30
500
1.13
MSD1278-124KLD
73.87 @ 4.9 MHz
18
108
120
0.41
500
0.96
MSD1278-154KLD
73.89 @ 4.3 MHz
23
135
150
0.46
500
0.91
MSD1278-184KLD
69.52 @ 3.9 MHz
13
162
180
0.51
500
0.86
MSD1278-224KLD
90.02 @ 3.7 MHz
13
198
220
0.69
500
0.74
MSD1278-274KLD
121.7 @ 2.9 MHz
12
243
270
0.90
500
0.65
MSD1278-334KLD
104.8 @ 2.8 MHz
9.4
297
330
1.02
500
0.61
MSD1278-394KLD
109.4 @ 2.7 MHz
9.4
351
390
1.12
500
0.58
MSD1278-474KLD
99.07 @ 2.2 MHz
11
423
470
1.43
500
0.50
MSD1278-564KLD
101.7 @ 2.2 MHz
8.7
504
560
1.69
500
0.47
MSD1278-684KLD
145.6 @ 1.9 MHz
7.4
612
680
2.29
500
0.41
MSD1278-824KLD
146.6 @ 1.8 MHz
6.9
738
820
2.55
500
0.39
MSD1278-105KLD
118.6 @ 1.7 MHz
6.0
900
1000
2.83
500
0.37
MSD1260*
Common mode
Cutoff
impedance
frequency Inductance (µH)
DCR max Isolation Irms
Part number
max (kOhms)
(MHz)
min
nom
(Ohms)
(Vrms)
(A)
MSD1260-472MLD 7.39 @ 43 MHz
180
3.76
4.7
0.036
500
3.16
MSD1260-562MLD 8.07 @ 33 MHz
160
4.48
5.6
0.040
500
3.00
MSD1260-682MLD 7.45 @ 21 MHz
100
5.44
6.8
0.048
500
2.75
MSD1260-822MLD 12.74 @ 27 MHz
120
6.56
8.2
0.052
500
2.63
MSD1260-103MLD 10.36 @ 19 MHz
95
8.00
10
0.060
500
2.45
MSD1260-123MLD 11.72 @ 18 MHz
74
9.60
12
0.074
500
2.21
MSD1260-153MLD 15.88 @ 21 MHz
75
12.0
15
0.085
500
2.06
MSD1260-183MLD 19.22 @ 17 MHz
58
14.4
18
0.097
500
1.93
MSD1260-223MLD 23.97 @ 17 MHz
68
17.6
22
0.116
500
1.76
MSD1260-273MLD 23.83 @ 13 MHz
48
21.6
27
0.124
500
1.70
MSD1260-333MLD 28.87 @ 13 MHz
43
26.4
33
0.134
500
1.64
MSD1260-393MLD 24.31 @ 11 MHz
39
31.2
39
0.142
500
1.59
MSD1260-473MLD 27.25 @ 10 MHz
45
37.6
47
0.174
500
1.44
MSD1260-563MLD 39.80 @ 8.9 MHz
33
44.8
56
0.198
500
1.35
MSD1260-683MLD 41.12 @ 7.7 MHz
31
54.4
68
0.216
500
1.29
MSD1260-823MLD 57.65 @ 8 MHz
31
65.6
82
0.274
500
1.15
MSD1260-104MLD 58.69 @ 6.5 MHz
21
80
100
0.322
500
1.06
MSD1260-124KLD
51.20 @ 4.9 MHz
24
108
120
0.418
500
0.93
MSD1260-154KLD
41.37 @ 4 MHz
29
135
150
0.476
500
0.87
MSD1260-184KLD
52.76 @ 4.3 MHz
19
162
180
0.536
500
0.82
MSD1260-224KLD
92.17 @ 4.5 MHz
33
198
220
0.691
500
0.72
MSD1260-274KLD
46.65 @ 3.3 MHz
27
243
270
0.806
500
0.67
MSD1260-334KLD
118.0 @ 3.4 MHz
32
297
330
1.09
500
0.57
MSD1260-394KLD
67.94 @ 2.4 MHz
14
351
390
1.20
500
0.55
MSD1260-474KLD
114.7 @ 2.7 MHz
13
423
470
1.59
500
0.48
MSD1260-564KLD
76.40 @ 2.3 MHz
11
504
560
1.81
500
0.45
MSD1260-684KLD
218.9 @ 2.5 MHz
14
612
680
2.06
500
0.42
MSD1260-824KLD
212.5 @ 2.2 MHz
4.9
738
820
2.65
500
0.37
MSD1260-105KLD
124.2 @ 1.8 MHz
6.6
900
1000
3.06
500
0.34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com