Electronic Components Datasheet Search
  English  ▼

X  

C403B Datasheet(PDF) 36 Page - Coilcraft lnc.

Part # C403B
Description  MAGNETICS FOR RF, POWER,FILTER AND DATA APPLICATIONS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

C403B Datasheet(HTML) 36 Page - Coilcraft lnc.

Back Button C403B Datasheet HTML 32Page - Coilcraft lnc. C403B Datasheet HTML 33Page - Coilcraft lnc. C403B Datasheet HTML 34Page - Coilcraft lnc. C403B Datasheet HTML 35Page - Coilcraft lnc. C403B Datasheet HTML 36Page - Coilcraft lnc. C403B Datasheet HTML 37Page - Coilcraft lnc. C403B Datasheet HTML 38Page - Coilcraft lnc. C403B Datasheet HTML 39Page - Coilcraft lnc. C403B Datasheet HTML 40Page - Coilcraft lnc. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 60 page
background image
36
www.coilcraft.com US +1-847-639-6400 Europe +44-1236-730595
SER2900
High Current
I
sat(A)
I
rms(A)
Inductance
DCR(mOhms)
SRFtyp 10% 20% 30%
20°C 40°C
Partnumber
±10%(µH)
nom
max
(MHz)
drop drop drop
rise
rise
SER2915L-152KL
1.5
1.50
1.65
60
100
>100 >100
20
30
SER2915H-222KL
2.2
1.86
2.05
40
100
>100 >100
20
30
SER2915L-222KL
2.2
1.50
1.65
50
82.0
84.0
84.8
20
30
SER2918H-332KL
3.3
2.60
2.86
40
91.0
92.5
93.6
20
28
SER2915H-332KL
3.3
1.86
2.05
30
62.0
66.9
68.4
20
30
SER2915L-332KL
3.3
1.50
1.65
40
48.0
54.0
57.0
20
30
SER2918H-472KL
4.7
2.60
2.86
30
59.0
61.2
62.4
20
28
SER2915H-472KL
4.7
1.86
2.05
25
42.0
48.0
50.1
20
30
SER2915L-472KL
4.7
1.50
1.65
30
33.0
36.9
39.0
20
30
SER2918H-682KL
6.8
2.60
2.86
25
42.0
45.0
45.9
20
28
SER2915H-682KL
6.8
1.86
2.05
20
30.0
34.5
36.2
20
30
SER2915L-682KL
6.8
1.50
1.65
25
22.0
26.0
27.8
20
30
SER2918H-103KL
10
2.60
2.86
20
28.0
31.2
32.1
20
28
SER2915H-103KL
10
1.86
2.05
15
18.0
21.5
23.4
20
30
SER2915L-103KL
10
1.50
1.65
20
13.0
16.2
17.6
20
30
SER2918H-153KL
15
2.60
2.86
16
18.0
21.2
21.9
20
28
SER2915H-153KL
15
1.86
2.05
12
11.5
14.0
15.2
20
30
SER2915L-153KL
15
1.50
1.65
15
7.5
9.8
11.0
20
30
SER2918H-223KL
22
2.60
2.86
15
12.0
14.0
15.0
20
28
SER2915H-223KL
22
1.86
2.05
10
7.0
8.6
9.6
20
30
SER2915L-223KL
22
1.50
1.65
10
4.5
6.0
6.8
20
30
SER2918H-333KL
33
2.60
2.86
10
7.0
8.7
9.6
20
28
SER2915H-333KL
33
1.86
2.05
8
4.0
5.1
5.9
20
30
SER2915L-333KL
33
1.50
1.65
7
2.0
2.6
3.3
20
30
Dimensions (inches mm)
Series
Amax
Bmax
Cmax
SER2915
1.1 27,9
1.1 27,9
0.605 15,36
SER2918
1.1 27,9
1.1 27,9
0.700 17,78
A
B
C
SER2211 Shielded
I
sat (A)
I
rms (A)
Inductance
DCR (mOhms)
SRF typ
10% 20% 30%
20°C 40°C
Part number
±20% (µH)
nom
max
(MHz)
drop drop drop
rise
rise
SER2211-302MED
3.0
1.05
1.20
29.0
23.5
26.0
27.5
25.0
35.0
SER2211-532MED
5.3
1.63
1.80
24.0
15.8
18.0
19.0
19.8
26.0
SER2211-822MED
8.2
2.30
2.76
18.0
13.4
15.0
15.8
13.9
18.5
SER2211-123MED
12.0
3.15
3.78
15.0
11.1
12.4
13.0
11.4
16.0
SER2211-273MED
27.0
6.84
8.21
12.0
7.7
8.5
8.9
9.4
13.1
SER2211-333MED
33.0
8.95
10.7
11.0
7.1
8.0
8.3
7.6
10.6
SER2211-473MED
47.0
8.95
10.7
8.0
4.4
5.2
5.6
7.6
10.6
A
B
C
Dimensions (inches mm)
Series
Amax
Bmax
C max
SER2211
0.886 22,5
0.756 19,2
0.413 10,5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com