Electronic Components Datasheet Search
  English  ▼

X  

MP2328GTL Datasheet(PDF) 20 Page - Monolithic Power Systems

Part # MP2328GTL
Description  High-Efficiency, 28V, 2A, 450kHz, Synchronous Step-Down Converter In SOT583 Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2328GTL Datasheet(HTML) 20 Page - Monolithic Power Systems

Back Button MP2328GTL Datasheet HTML 16Page - Monolithic Power Systems MP2328GTL Datasheet HTML 17Page - Monolithic Power Systems MP2328GTL Datasheet HTML 18Page - Monolithic Power Systems MP2328GTL Datasheet HTML 19Page - Monolithic Power Systems MP2328GTL Datasheet HTML 20Page - Monolithic Power Systems MP2328GTL Datasheet HTML 21Page - Monolithic Power Systems MP2328GTL Datasheet HTML 22Page - Monolithic Power Systems MP2328GTL Datasheet HTML 23Page - Monolithic Power Systems MP2328GTL Datasheet HTML 24Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
MP2328 – 28V, 2A, SYNCHRONOUS STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP2328 Rev. 1.0
www.MonolithicPower.com
20
12/11/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
C3
0.1μF
MP2328
VIN
C1A
10μF
VIN
EN
SS
C4
22nF
SW
BST
C2A
22μF
FB
R3
191kΩ
PG
GND
VOUT
L1
3.3μH
C1B
10μF
C2B
22μF
R2
51kΩ
R1
51kΩ
R6
10kΩ
C5
82pF
R4
49.9kΩ
C1C
0.1μF
R5
100kΩ
2
1
3
6
7
4
8
5
6.5V to 28V
1V/2A
Figure 5: VIN = 6.5V to 28V, VOUT = 1V, IOUT = 2A
C3
0.1μF
MP2328
VIN
C1A
10μF
VIN
EN
SS
C4
22nF
SW
BST
C2A
22μF
FB
R3
191kΩ
PG
GND
VOUT
L1
4.7μH
C1B
10μF
C2B
22μF
R2
16.9kΩ
R1
51kΩ
R6
10kΩ
C5
470pF
R4
49.9kΩ
C1C
0.1μF
R5
100kΩ
2
1
3
6
7
4
8
5
6.5V to 28V
1.8V/2A
Figure 6: VIN = 6.5V to 28V, VOUT = 1.8V, IOUT = 2A
C3
0.1μF
MP2328
VIN
C1A
10μF
VIN
EN
SS
C4
22nF
SW
BST
C2A
22μF
FB
R3
191kΩ
PG
GND
VOUT
L1
6.8μH
C1B
10μF
C2B
22μF
R2
12.7kΩ
R1
51kΩ
R6
10kΩ
C5
470pF
R4
49.9kΩ
C1C
0.1μF
R5
100kΩ
2
1
3
6
7
4
8
5
6.5V to 28V
2.5V/2A
Figure 7: VIN = 6.5V to 28V, VOUT = 2.5V, IOUT = 2A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com