Electronic Components Datasheet Search
  English  ▼

X  

MP2328GTL Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2328GTL
Description  High-Efficiency, 28V, 2A, 450kHz, Synchronous Step-Down Converter In SOT583 Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2328GTL Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2328GTL Datasheet HTML 1Page - Monolithic Power Systems MP2328GTL Datasheet HTML 2Page - Monolithic Power Systems MP2328GTL Datasheet HTML 3Page - Monolithic Power Systems MP2328GTL Datasheet HTML 4Page - Monolithic Power Systems MP2328GTL Datasheet HTML 5Page - Monolithic Power Systems MP2328GTL Datasheet HTML 6Page - Monolithic Power Systems MP2328GTL Datasheet HTML 7Page - Monolithic Power Systems MP2328GTL Datasheet HTML 8Page - Monolithic Power Systems MP2328GTL Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
MP2328 – 28V, 2A, SYNCHRONOUS STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP2328 Rev. 1.0
www.MonolithicPower.com
3
12/11/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
PG
Power good output. This pin is an open-drain output. PG pulls low when the IC is
disabled. PG can be pulled up to another DC source. Note that if PG is pulled up to an
external voltage, PG does not de-assert (logic low) if the input power is off. It is recommended
to pull PG up to VOUT so that PG can de-assert when the input power is off.
2
VIN
Supply voltage. The MP2328 operates from a 4.5V to 28V input rail. Place a ceramic
capacitor on VIN to decouple the input rail. Connect VIN using a wide PCB trace.
3
SW
Switch output. Connect SW using a wide PCB trace.
4
GND
System ground. Reference ground of the regulated output voltage. GND requires
additional considerations when designing the PCB layout. Connect GND with copper
traces and vias.
5
BST
Bootstrap. Connect a capacitor between the SW and BST pins to form a floating supply
across the high-side switch driver. Generally, use a 0.1µF bootstrap capacitor.
6
EN
Enable pin. EN is a digital input that turns the buck converter on or off. When the power
supply of the control circuit is ready, drive EN high to turn the buck converter on. Drive EN
low to turn the converter off. Connect EN to VIN through a resistive voltage divider for
automatic start-up. The EN voltage should not exceed 6V.
7
SS
Soft start. Connect an external capacitor to SS to configure the soft-start time for the
switch-mode converter.
8
FB
Feedback. Connect FB to the tap of an external resistor divider from the output to GND to
set the output voltage.
ABSOLUTE MAXIMUM RATINGS (1)
VIN ................................................. -0.3V to +30V
VSW .......................................................................
-0.3V (-5V for <10ns) to +30V (+32V for <10ns)
VBST.....................................................VSW + 5.5V
All other pins ................................... -0.3V to +6V
PG pin current.......................................... 5mA (2)
Continuous power dissipation (TA = 25°C) (3)
……………………………………………. 2.27W (4)
Junction temperature ................................ 150°C
Lead temperature...................................... 260°C
Storage temperature.................-65°C to +150°C
ESD Ratings
Human body model (HBM) .....................±2000V
Charged device model (CDM) .................±750V
Recommended Operating Conditions (5)
Supply voltage (VIN) ......................... 4.5V to 28V
Output voltage (VOUT)...........................................
……………………0.5V to 0.95 x VIN or 16V Max
Operating junction temp (TJ).....-40°C to +125°C
Thermal Resistance
θJA θJC
SOT583
EVL2328-TL-00A (4)..................55......21.... °C/W
JESD51-7 (6)……………………130….60… °C/W
Notes:
1) Exceeding these ratings may damage the device.
2) When PG pin is pulled up to power source, the current should
be limited to lower than the maximum value.
3) The maximum allowable power dissipation is a function of the
maximum junction temperature, TJ (MAX), the junction-to-
ambient
thermal
resistance,
θJA,
and
the
ambient
temperature, TA. The maximum allowable continuous power
dissipation at any ambient temperature is calculated by PD
(MAX) = (TJ (MAX) - TA) / θJA. Exceeding the maximum
allowable power dissipation can cause excessive die
temperature, and the converter may go into thermal
shutdown. Internal thermal shutdown circuitry protects the
device from permanent damage.
4) Measured on EVL2328-TL-00A, 2-layer, 63.5mmx63.5mm
PCB.
5) The device is not guaranteed to function outside of its
operating conditions.
6) The value of θJA given in this table is only valid for comparison
with other packages and cannot be used for design purposes.
These values were calculated in accordance with JESD51-7,
and simulated on a specified JEDEC board. They do not
represent the performance obtained in an actual application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com