Electronic Components Datasheet Search
  English  ▼

X  

MP2328GTL Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2328GTL
Description  High-Efficiency, 28V, 2A, 450kHz, Synchronous Step-Down Converter In SOT583 Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2328GTL Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2328GTL Datasheet HTML 1Page - Monolithic Power Systems MP2328GTL Datasheet HTML 2Page - Monolithic Power Systems MP2328GTL Datasheet HTML 3Page - Monolithic Power Systems MP2328GTL Datasheet HTML 4Page - Monolithic Power Systems MP2328GTL Datasheet HTML 5Page - Monolithic Power Systems MP2328GTL Datasheet HTML 6Page - Monolithic Power Systems MP2328GTL Datasheet HTML 7Page - Monolithic Power Systems MP2328GTL Datasheet HTML 8Page - Monolithic Power Systems MP2328GTL Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
MP2328 – 28V, 2A, SYNCHRONOUS STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP2328 Rev. 1.0
www.MonolithicPower.com
5
12/11/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 12V, TJ = -40°C to +125°C (7), typical values are tested at TJ = 25°C, unless otherwise noted.
The over-temperature limit is derived by characterization, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
PG Indicator
Power good lower trip
rising threshold
PGLOWER-R PG from low to high
85
90
95
% of
VREF
Power good lower trip
falling threshold
PGLOWER-F PG from high to low
79
84
89
% of
VREF
Power good upper trip
rising threshold
PGUPPER-F
PG from high to low
107
112
117
% of
VREF
Power good upper trip
falling threshold
PGUPPER-R PG from low to high
101
106
111
% of
VREF
Power good rising
delay
12
μs
Power good falling
delay
20
μs
Power good sink
current capability
VPG
Sink 4mA
0.4
V
Power good leakage
current
IPG-LKG
VIN = 12V, VEN = 2V, VFB = 0.52V,
VPG = 5V
2
10
μA
Protection
FB under voltage
threshold
40
50
60
% of
VREF
Hiccup protection duty
cycle (8)
25
%
Thermal shutdown
150
°C
Thermal shutdown
hysteresis
20
°C
Notes:
7)
Not tested in production. Derived by over-temperature correlation.
8)
Derived by sample characterization. Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com