Electronic Components Datasheet Search
  English  ▼

X  

MP3435GL Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP3435GL
Description  19A, 600kHz, 22V Output Range, Synchronous Boost Converter with Input Disconnect Function
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3435GL Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP3435GL Datasheet HTML 1Page - Monolithic Power Systems MP3435GL Datasheet HTML 2Page - Monolithic Power Systems MP3435GL Datasheet HTML 3Page - Monolithic Power Systems MP3435GL Datasheet HTML 4Page - Monolithic Power Systems MP3435GL Datasheet HTML 5Page - Monolithic Power Systems MP3435GL Datasheet HTML 6Page - Monolithic Power Systems MP3435GL Datasheet HTML 7Page - Monolithic Power Systems MP3435GL Datasheet HTML 8Page - Monolithic Power Systems MP3435GL Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
MP3435 – 19A, 600kHz, 22V SYNCHRONOUS BOOST WITH INPUT DISCONNECT
MP3435 Rev. 1.0
MonolithicPower.com
5
11/30/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = VEN = 3.3V, TJ = -40°C to +125°C (7), typical values are tested at TJ = 25°C, unless otherwise
noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Operating input voltage
VIN
3
20
V
Input under-voltage lockout
(UVLO)
INUVLO-R
VIN rising
2.6
2.68
2.76
V
Input UVLO hysteresis
INUVLO-HYS
250
mV
Operating VDD voltage
VDD
VIN = 12V
5
V
Shutdown current
ISD
VEN = 0V, measured on
IN, TJ = 25°C
1
µA
Quiescent current
IQ-SOUT
VFB = 1.35V, no switching,
VOUT = 12V, measured on
SOUT
650
750
µA
IQ-IN
VFB = 1.35V, no switching,
VOUT = 12V, measured on
IN
110
150
Switching frequency
fSW
TJ = 25°C
510
600
690
kHz
TJ = -40°C to +125°C
450
690
Minimum off time (8)
tMIN-OFF
VFB = 0V
190
ns
Minimum on time (8)
tMIN-ON
200
ns
EN turn-on threshold
VEN-ON
VEN rising (switching)
1.26
1.33
1.39
V
EN high threshold
VEN-H
VEN rising (micro power)
1
V
EN low threshold
VEN-L
VEN falling
(micro power)
0.4
V
EN turn-on hysteresis current
IEN-HYS
1V < EN < 1.4V
3
4.5
6
µA
EN input bias current
IEN
VEN = 0V, 3.3V
0
µA
Soft-start (SS) charge current
ISS
5
7
9
µA
FB reference voltage
VFB
TJ = 25°C
1.212
1.225
1.238
V
TJ = -40°C to +125°C
1.207
1.225
1.243
FB input bias current
IFB
VFB = 1V
-50
nA
Error amplifier
transconductance
GEA
160
µA/V
Error amplifier max output
current
IEA(MAX)
VFB = 1V or 1.5V
39
µA
Current to COMP gain
GCS
VGATE = GND
32
A/V
Sense to COMP gain
GXCS
Float GATE,
ΔVSENSE / ΔVCOMP
103
mV/V
COMP switching threshold (8)
VPSM
0.5
V
COMP high clamp
VCOMP_HIGH
2
V
Low-side (LS) switch on
resistance
RON-L
10
m
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com