Electronic Components Datasheet Search
  English  ▼

X  

MP3435GL Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP3435GL
Description  19A, 600kHz, 22V Output Range, Synchronous Boost Converter with Input Disconnect Function
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3435GL Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP3435GL Datasheet HTML 6Page - Monolithic Power Systems MP3435GL Datasheet HTML 7Page - Monolithic Power Systems MP3435GL Datasheet HTML 8Page - Monolithic Power Systems MP3435GL Datasheet HTML 9Page - Monolithic Power Systems MP3435GL Datasheet HTML 10Page - Monolithic Power Systems MP3435GL Datasheet HTML 11Page - Monolithic Power Systems MP3435GL Datasheet HTML 12Page - Monolithic Power Systems MP3435GL Datasheet HTML 13Page - Monolithic Power Systems MP3435GL Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
MP3435 – 19A, 600kHz, 22V SYNCHRONOUS BOOST WITH INPUT DISCONNECT
MP3435 Rev. 1.0
MonolithicPower.com
10
11/30/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 3.3V, VOUT = 12V, L = 1.5µH, IOUT = 2A, COUT = 3 x 22µF, RSENSE = 4.5mΩ, add an input
disconnect MOSFET, TA = 25°C, unless otherwise noted.
Bode Plot
-180
-120
-60
0
60
120
180
-60
-40
-20
0
20
40
60
1000
10000
100000
FREQUENCY (Hz)
Gain
Phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com