Electronic Components Datasheet Search
  English  ▼

X  

SCA3000 Datasheet(PDF) 10 Page - VTI technologies

Part # SCA3000
Description  3-axis accelerometer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies

SCA3000 Datasheet(HTML) 10 Page - VTI technologies

Back Button SCA3000 Datasheet HTML 6Page - VTI technologies SCA3000 Datasheet HTML 7Page - VTI technologies SCA3000 Datasheet HTML 8Page - VTI technologies SCA3000 Datasheet HTML 9Page - VTI technologies SCA3000 Datasheet HTML 10Page - VTI technologies SCA3000 Datasheet HTML 11Page - VTI technologies SCA3000 Datasheet HTML 12Page - VTI technologies SCA3000 Datasheet HTML 13Page - VTI technologies SCA3000 Datasheet HTML 14Page - VTI technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
SCA3000 Assembly Instructions
Figure 8. Typical convection reflow soldering phases and profile.
The process window for lead-free soldering is narrower than for traditional eutectic SnPb solders.
Thus, caution has to be taken care when adjusting the reflow profiles. The reflow profile should be
measured using a thermo-couple measurement system. It is recommended that at least three
thermo-couples are used, depending on the application. As a general guide, one thermo-couple
should be placed under a component having the largest thermal mass, one next to the smallest
component, one should be in contact with SCA3000 component's solder joint, and others to the
appropriate spots on a circuit board, e.g. corner, center, bottom of the board etc. The reflow profile
should be adjusted according to the measured data so that each solder joint experiences an
optimal reflow profile. The temperature gradient should be as small as possible across the
circuit board and the components. Extreme caution has to be taken if the circuit board
contains components with vastly different thermal masses.
5.8
Moisture sensitivity level (MSL) classification
The Moisture Sensitivity Level of the SCA3000 component is Level 3 according to the IPC/JEDEC
J-STD-020C. The part is delivered in a dry pack. The manufacturing floor time (out of bag) at the
customer’s end is 168 hours. Maximum soldering peak temperature for the SCA3000 is
260
°C/40sec, measured from the package body.
5.9
Inspection
Optical and visual inspection of solder joints can be done only partly, since the solder joints are
located underneath the component itself. Therefore inspection of the solder joints with conventional
AOI (automatic optical inspection) system is not recommended. Figure 9 show photos of how the
soldered component on PWB looks from different directions.
VTI Technologies Oy
Subject to changes
10/15
www.vti.fi
TN54
Rev.C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com