Electronic Components Datasheet Search
  English  ▼

X  

SCA3000 Datasheet(PDF) 14 Page - VTI technologies

Part # SCA3000
Description  3-axis accelerometer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies

SCA3000 Datasheet(HTML) 14 Page - VTI technologies

Back Button SCA3000 Datasheet HTML 7Page - VTI technologies SCA3000 Datasheet HTML 8Page - VTI technologies SCA3000 Datasheet HTML 9Page - VTI technologies SCA3000 Datasheet HTML 10Page - VTI technologies SCA3000 Datasheet HTML 11Page - VTI technologies SCA3000 Datasheet HTML 12Page - VTI technologies SCA3000 Datasheet HTML 13Page - VTI technologies SCA3000 Datasheet HTML 14Page - VTI technologies SCA3000 Datasheet HTML 15Page - VTI technologies  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
SCA3000 Assembly Instructions
1.
Apply the solder paste onto the PWB land pads. The paste can be applied by two different
methods.
-
Manual solder paste printing through a stencil with normal openings designed for the
SCA3000 component.
-
Needle dispensing of solder paste manually onto the PWB pads. VTI recommends use
of a microscope in manual solder paste dispensing. Dispensing needle tip size can be
0.12"-0.16".
2x amount of solder
paste compared to
smaller PWB
soldering pads
Figure 13: Solder paste (grey) on PWB land pads.
2.
Place the component gently on top of the solder paste. To avoid solder bridging, push only very
gently on top of the component.
3.
i) Melt the solder paste by putting the part through reflow oven or ii) by using soldering iron.
When using soldering iron, do not touch the package plastic body, soldering iron should touch
only the extension in the PWB's land pad through that the heat should be conducted to melt the
solder paste and then form the solder joint to the component lead. See figure 11 above for
details.
8
Environmental Aspects
VTI Technologies respects environmental values and thus its MID packaged pressure sensors are
lead-free and RoHS compatible. VTI Technologies’ sensors should be soldered with lead-free
solders in order to guarantee full RoHS compatibility.
VTI Technologies Oy
Subject to changes
14/15
www.vti.fi
TN54
Rev.C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com