Electronic Components Datasheet Search
  English  ▼

X  

TDA5345HT Datasheet(PDF) 15 Page - NXP Semiconductors

Part # TDA5345HT
Description  5 V spindle & VCM driver combo
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5345HT Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button TDA5345HT Datasheet HTML 11Page - NXP Semiconductors TDA5345HT Datasheet HTML 12Page - NXP Semiconductors TDA5345HT Datasheet HTML 13Page - NXP Semiconductors TDA5345HT Datasheet HTML 14Page - NXP Semiconductors TDA5345HT Datasheet HTML 15Page - NXP Semiconductors TDA5345HT Datasheet HTML 16Page - NXP Semiconductors TDA5345HT Datasheet HTML 17Page - NXP Semiconductors TDA5345HT Datasheet HTML 18Page - NXP Semiconductors TDA5345HT Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
1999 June 10
15
Philips Semiconductors
Preliminary specification
5 V spindle & VCM driver combo
TDA5345HT
The digital control block ignores any crossing while the Blank1 timer is counting. This means that the zero-crossing
caused by the fly-back pulse leading edge (ZC1) is not seen by the commutation block.
The WatchDog timer makes sure that the motor is running forward. If the motor is going backwards, the BEMF voltage
will be inverted and the second crossing (ZC2) of the inductive pulse will not occur until the actual BEMF zero crossing.
Therefore, if the WatchDog timer expires before a zero-crossing occurs, the motor is assumed to be turning backwards.
The commutation is advanced one step to correct this condition. The second inductive zero-cross (ZC2) must occur within
the WatchDog time. Therefore, the WatchDog must be set to a time that is greater than the fly-back pulse duration
measured when the motor is standing still.
The Blank2 timer starts counting as soon as the second zero-cross (ZC2) occurs. After the second inductive
zero-crossing all extra zero-crossings are ignored during the Blank2 time. This allows the coil voltage to ring slightly
without causing a commutation advance.To make the chip smaller, Blank1 and Blank2 have the same value: Blank.
If the motor is not spinning, no BEMF zero-crossing will occur. The StartUp timer detects this if it expires before the true
zero-crossing (ZC3) has occurred. It will advance the commutation one step if this happens.
The Commutation Delay Limiter (ComDeLim) allows to control the maximum commutation delay time. This commutation
delay time is equal to half the measured delay between 2 zero crossings
(∆Zcmeasured). ComDeLim value should be
fly-back pulse
Commutation
true zero crossing
WatchDog
Blank1
Blank2
Commutation
StartUp
Fig.8 A typical motor commutation diagram
CENTER TAP
delay
Commutation
false zero crossings
Zc1
Zc2
Zc3
SpinMotA
SpinMotB
SpinMotC
ZOOM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com