Electronic Components Datasheet Search
  English  ▼

X  

TDA5345HT Datasheet(PDF) 20 Page - NXP Semiconductors

Part # TDA5345HT
Description  5 V spindle & VCM driver combo
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5345HT Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button TDA5345HT Datasheet HTML 16Page - NXP Semiconductors TDA5345HT Datasheet HTML 17Page - NXP Semiconductors TDA5345HT Datasheet HTML 18Page - NXP Semiconductors TDA5345HT Datasheet HTML 19Page - NXP Semiconductors TDA5345HT Datasheet HTML 20Page - NXP Semiconductors TDA5345HT Datasheet HTML 21Page - NXP Semiconductors TDA5345HT Datasheet HTML 22Page - NXP Semiconductors TDA5345HT Datasheet HTML 23Page - NXP Semiconductors TDA5345HT Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
1999 June 10
20
Philips Semiconductors
Preliminary specification
5 V spindle & VCM driver combo
TDA5345HT
The error amplifier compares the VcmDacOut(49) input command and the VcmSenseOut(18) sense amplifier output
signal to generate the control voltage of the power drivers.
(6)
Finally, the transconductance gain of the VCM loop is given by the following equation:
(7)
VCM 12-bit resistive ladder DAC:
The VCM loop input voltage is provided by an internal signed 12-bit resistive ladder DAC. The output voltage is a linear
function of the input code written in register #7 (low gain) or register #8 (high gain), bits [11:0] :
Table 10 Dac12 output voltage versus the input code (1 LSB = 125
µV) when writing in register #7 :
Table 11 Dac12 output voltage versus the input code (1 LSB = 500
µV) when writing in register #8 :
Warning : at power up, the 12-bit DAC needs to be programmed so that it is in a defined state.
VCM back-EMF amplifier
To prevent any actuator crash on the disk when a ramp load is used, an internal VCM back-EMF amplifier is build to
monitor the actuator speed. Indeed, the VCM back-EMF is a picture of the actuator speed. The voltage across the VCM
motor is divided in several contributions:
INPUT CODE
DAC12 VOLTAGE
(7FF)H
1.732 V -1 LSB
(000)H
1.482 V
(FFF)H
1.482 V -1 LSB
(800)H
1.232 V
INPUT CODE
DAC12 VOLTAGE
(7FF)H
2.482 V - 1LSB
(000)H
1.482 V
(FFF)H
1.482 V -1 LSB
(800)H
0.482 V
IVCM
SENSE
ERROR
to the power
+
-
+
-
Rin
RFB
VcmInput
VcmCompensIn
G=3
Fig.12 VCM transconductance gain schematic.
drivers
AMPLIFIER
AMP
VcmSenseInP
VcmSenseInM
23
22
VcmRef
18
VcmCompensOut
17
20
19
VcmDacOut
VcmRef
–
R
in
-----------------------------------------------------------------
VcmSenseOut
VcmRef
–
R
FB
-------------------------------------------------------------------------
3R
sense
×
I
VCM
×
R
FB
----------------------------------------------
=
=
G
VCM
A
( )
V
( )
⁄
[]
I
VCM
VcmDacOut
VcmRef
–
-----------------------------------------------------------------
R
FB
R
in
----------
1
3R
sense
×
---------------------------
×
0.4
R
sense
-----------------
=
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com