Electronic Components Datasheet Search
  English  ▼

X  

TDA5630BT Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA5630BT
Description  9 V VHF and UHF mixer/oscillator for TV and VCR cable tuners
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5630BT Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA5630BT Datasheet HTML 3Page - NXP Semiconductors TDA5630BT Datasheet HTML 4Page - NXP Semiconductors TDA5630BT Datasheet HTML 5Page - NXP Semiconductors TDA5630BT Datasheet HTML 6Page - NXP Semiconductors TDA5630BT Datasheet HTML 7Page - NXP Semiconductors TDA5630BT Datasheet HTML 8Page - NXP Semiconductors TDA5630BT Datasheet HTML 9Page - NXP Semiconductors TDA5630BT Datasheet HTML 10Page - NXP Semiconductors TDA5630BT Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
1996 Jun 06
7
Philips Semiconductors
Product specification
9 V VHF and UHF mixer/oscillator for TV
and VCR cable tuners
TDA5630BT
Notes to the characteristics
1. The RF frequency range is defined by the oscillator frequency range and the intermediate frequency.
2. The gain is defined as the transducer gain (measured in Fig.11) plus the voltage transformation ratio of L6 to L7
(10 : 2, 15.4 dB including transformer loss).
3. The input level causing 10 kHz frequency detuning at the LO output. fosc =fRF + 33.4 MHz.
4. All s-parameters are referred to a 50
Ω system.
5. Limits are related to the tank circuits used in Fig.11. Frequency bands may be adjusted by the choice of external
components.
6. The frequency shift is defined as the change in oscillator frequency when the supply voltage varies from
VP = 9 to 8.1 V or from VP = 9 to 9.9 V.
7. The frequency drift is defined as the change in oscillator frequency when the ambient temperature varies from
Tamb =25to0 °C or from 25 to 50 °C. With no compensation, all capacitors are NP0.
8. Switch on drift with no compensation is defined as the change of oscillator frequency between 5 s and 15 min after
switch on. All capacitors are NP0.
9. Switch on drift with compensation is defined as the change of oscillator frequency between 5 s and 15 min after
switch on. C5 to C11 are N750; C1, C2 and C4 are N470.
10. The values have been corrected for hybrid and cable losses. The symmetrical output impedance of the hybrid is
100
Ω.
11. Measured with RF input voltage:
a) RF voltage = 120 dB
µV at fRF < 180 MHz.
b) RF voltage = 107.5 dB
µV at 180 MHz < fRF < 225 MHz.
c) RF voltage = 97 dB
µV at 225 MHz < fRF < 860 MHz.
LO output; RL = 100 Ω
Yo
output admittance
(GP +jCPω)
fosc = 80 MHz; see Fig.15; note 4
−
2.5
−
mS
−
0.9
−
pF
fosc = 900 MHz; see Fig.15; note 4
−
3.5
−
mS
−
0.7
−
pF
Vo
output voltage
RL = 100 Ω; Vt = 0.45 to 28 V
83
91
100
dB
µV
SRF
spurious signal on LO output
with respect to LO output
signal
note 11
−−−10
dBc
SHD
LO signal harmonics with
respect to LO signal
−−−10
dBc
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com