Electronic Components Datasheet Search
  English  ▼

X  

TDA5630BT Datasheet(PDF) 16 Page - NXP Semiconductors

Part # TDA5630BT
Description  9 V VHF and UHF mixer/oscillator for TV and VCR cable tuners
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5630BT Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button TDA5630BT Datasheet HTML 12Page - NXP Semiconductors TDA5630BT Datasheet HTML 13Page - NXP Semiconductors TDA5630BT Datasheet HTML 14Page - NXP Semiconductors TDA5630BT Datasheet HTML 15Page - NXP Semiconductors TDA5630BT Datasheet HTML 16Page - NXP Semiconductors TDA5630BT Datasheet HTML 17Page - NXP Semiconductors TDA5630BT Datasheet HTML 18Page - NXP Semiconductors TDA5630BT Datasheet HTML 19Page - NXP Semiconductors TDA5630BT Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
1996 Jun 06
16
Philips Semiconductors
Product specification
9 V VHF and UHF mixer/oscillator for TV
and VCR cable tuners
TDA5630BT
INTERNAL PIN CONFIGURATION
SYMBOL
PIN
DESCRIPTION
AVERAGE DC VOLTAGE IN (V)
measured in circuit of Fig.11
BAND A
BAND C
CIN1
1
NR(1)
2.2
CIN2
2
NR(1)
2.2
RFGND
3
0.0
0.0
AIN
4
2.2
NR(1)
VP
5
supply voltage
9.0
9.0
LOOUT1
6
7.3
7.3
LOOUT2
7
7.3
7.3
BS
8
0.0
5.0
MGD604
2
1
MGD605
3
4
MGD606
MGD607
6
7
8
MGD608



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com