Electronic Components Datasheet Search
  English  ▼

X  

TDA5630BT Datasheet(PDF) 14 Page - NXP Semiconductors

Part # TDA5630BT
Description  9 V VHF and UHF mixer/oscillator for TV and VCR cable tuners
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5630BT Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button TDA5630BT Datasheet HTML 10Page - NXP Semiconductors TDA5630BT Datasheet HTML 11Page - NXP Semiconductors TDA5630BT Datasheet HTML 12Page - NXP Semiconductors TDA5630BT Datasheet HTML 13Page - NXP Semiconductors TDA5630BT Datasheet HTML 14Page - NXP Semiconductors TDA5630BT Datasheet HTML 15Page - NXP Semiconductors TDA5630BT Datasheet HTML 16Page - NXP Semiconductors TDA5630BT Datasheet HTML 17Page - NXP Semiconductors TDA5630BT Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
1996 Jun 06
14
Philips Semiconductors
Product specification
9 V VHF and UHF mixer/oscillator for TV
and VCR cable tuners
TDA5630BT
handbook, full pagewidth
MBH055
0.2
2
1
0.5
10
5
0.2
2
1
0.5
10
5
∞
0
+ j
– j
0.2
0.5
1
2
5
10
40 MHz
200 MHz
Fig.12 Input admittance (s11) of the band A mixer input (40 to 200 MHz); Y0 = 20 mS.
handbook, full pagewidth
0.2
0.5
1
2
5
10
∞
0.2
0.5
1
2
5
10
0
+ j
– j
MBH054
0.5
1
0.2
10
5
2
430 MHz
860 MHz
Fig.13 Input impedance (s11) of the band C mixer input (430 to 860 MHz); Z0 =50 Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com